Electronic Components Datasheet Search
  English  ▼

X  

M61533FP Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # M61533FP
Description  4ch Electronic Volume with AGC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61533FP Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button M61533FP Datasheet HTML 4Page - Hitachi Semiconductor M61533FP Datasheet HTML 5Page - Hitachi Semiconductor M61533FP Datasheet HTML 6Page - Hitachi Semiconductor M61533FP Datasheet HTML 7Page - Hitachi Semiconductor M61533FP Datasheet HTML 8Page - Hitachi Semiconductor M61533FP Datasheet HTML 9Page - Hitachi Semiconductor M61533FP Datasheet HTML 10Page - Hitachi Semiconductor M61533FP Datasheet HTML 11Page - Hitachi Semiconductor M61533FP Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
M61533FP
Rev.1.0, Sep.19.2003, page 8 of 12
Electrical characteristics
Unless otherwise noted, Ta=25
°C, Vcc=9V, f=1kHz, Trim/Master Volume=0dB, Output Gain Control=0dB, SWch
LPF fc=300Hz
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Power circuit current
IACC
15
30
mA
when no signal is provided
Input/output
Maximum input voltage
VIM
2.0*
Vrms
(1,4,5,6)PIN input,(13,14,15,18)PIN output,
RL=10k
Ω, THD=1%
Maximum output voltage
VOM1
1.4
1.8
Vrms
6PIN input, 18PIN output, RL=10k
Ω,
THD=5% , f=100Hz
VOM2
1.6
2.0
Vrms
(1,4,5)PIN input , (13,14,15)output,
RL=10k
Ω, THD=5%
Pass gain
GV
−2
0
+2
dB
(1,4,5,6)PIN input, (13,14,15,18) output,
Vi=0.5Vrms, FLAT
Output noise voltage
Vno1
1.3
4.0
µVrms
JIS-A, when no signal is
provided, (1,4,5)PIN
Rg=0
Ω, (13,14,15)PIN
output
SL/SR/Cch
volume =0dB
1.3
4.0
µVrms
SL/SR/Cch
volume =-
∞dB
Vno2
8.0
16
µVrms
JIS-A, when no signal is
provided, 6PIN Rg=0
Ω,
18PIN output,
SWch volume
=0dB
8.0
16
µVrms
SWch volume =-
∞dB
Distortion
THD1
0.005
0.1
%
(1,4,5)PIN input, (13,14,15)output, BW:400
30kHz, Vo=0.5Vrms, RL=10k
Ω
THD2
0.05
0.2
%
6PIN input,12PIN output, 30kHz L.P.F,
f=100Hz, Output Gain Control =0dB,
Vi=0.5Vrms(AGC:off), RL=10k
Ω
THD3
5
%
6PIN input, 12PIN output, 30kHz L.P.F,
f=100Hz, Output Gain Control =+12dB,
Vi=0.7Vrms(AGC:on), RL=10k
Ω
Maximum attenuation
ATT
−92
−87
dB
Vo=1Vrms, (12,13,14,15) PIN output, JIS-A,
VOL=-
∞
Maximum gain
GVM
+10
+12
+14
dB
6PIN input, 12PIN output, f=100Hz,
Vi=0.1Vrms, FLAT, Output Gain Control
=+12dB
Cross talk between
channels
CT
−70
−55
dB
(1,4,5,6)PIN input, (12,13,14,15)PIN output,
Vi=0.5Vrms, JIS-A, RL=47k
Ω, Rg=0kΩ
AGC
Attack time
TAGCAT
40
ms
6PIN input, 12PIN output, RL=10k
Ω, Output
Gain Control =+12dB
Recovery time
TAGCRE
850
ms
6PIN input, 12PIN output, RL=10k
Ω, Output
Gain Control =+12dB
* Note : The signal can not be inputted to more than 2Vrms. Keep this limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com