Electronic Components Datasheet Search
  English  ▼

X  

AD8233 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8233
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8233 Datasheet HTML 15Page - Analog Devices AD8233 Datasheet HTML 16Page - Analog Devices AD8233 Datasheet HTML 17Page - Analog Devices AD8233 Datasheet HTML 18Page - Analog Devices AD8233 Datasheet HTML 19Page - Analog Devices AD8233 Datasheet HTML 20Page - Analog Devices AD8233 Datasheet HTML 21Page - Analog Devices AD8233 Datasheet HTML 22Page - Analog Devices AD8233 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AD8233
Data Sheet
Rev. 0 | Page 18 of 29
RIGHT LEG DRIVE AMPLIFIER
The right leg drive (RLD) amplifier inverts the common-mode
signal that is present at the instrumentation amplifier inputs.
When the right leg drive output current is injected into the
subject, it counteracts common-mode voltage variations, thus
improving the common-mode rejection of the system.
The common-mode signal that is present across the inputs of
the instrumentation amplifier is derived from the transconduct-
ance amplifier, GM1. It is then connected to the inverting input
of A2 through a 150 kΩ resistor.
An integrator can be built by connecting a capacitor between the
RLD FB and RLD terminals. A good starting point is a 1 nF
capacitor, which places the crossover frequency at about 1 kHz
(the frequency at which the amplifier has an inverting unity gain).
This configuration results in about 26 dB of loop gain available
at a frequency range from 50 Hz to 60 Hz for common-mode line
rejection. Higher capacitor values reduce the crossover frequency,
thereby reducing the gain that is available for rejection and,
consequently, increasing the line noise. Lower capacitor values
move the crossover frequency to higher frequencies, allowing
increased gain. The tradeoff is that with higher gain, the system
can become unstable and saturate the output of the right leg
amplifier.
When using this amplifier to drive an electrode, place a resistor
in series with the output to limit the current to be always less
than 10 μA, even in fault conditions. For example, if the supply
used is 3.0 V, ensure that the resistor is greater than 330 kΩ to
account for component and supply variations.
RLD
1nF
R*
*LIMIT CURRENT TO LESS THAN 10µA.
RLDFB
A2
REFOUT
TO DRIVEN
ELECTRODE
150kΩ
VCM
18
D5
C4
Figure 51. Typical Configuration of Right-Leg Drive Circuit
In two electrode configurations, A2 can be shut down by setting
RLD SDN low for additional power savings. If left in shutdown,
it is recommended to leave both RLD and RLDFB floating.
Alternatively, RLD can be used to bias the inputs through
10 MΩ resistors as described in the Leads On/Off Detection
section. When the AD8233 is in shutdown and dc leads off
detection mode, RLD pulls down towards ground. This pull-
down acts as an LOD wake-up function, pulling the inputs
down when the electrodes are reconnected.
REFERENCE BUFFER
The AD8233 operates from a single supply. To simplify the
design of single-supply applications, the AD8233 includes a
reference buffer to create a virtual ground between the supply
voltage and the system ground. The signals present at the out-
put of the instrumentation amplifier are referenced around this
voltage. For example, if there is zero differential input voltage,
the voltage at the output of the instrumentation amplifier is this
reference voltage.
The reference voltage level is set at the REFIN pin. It can be set
with a voltage divider or by driving the REFIN pin from some
other point in the circuit (for example, from the ADC reference).
The voltage is available at the REFOUT pin for the filtering
circuits or for an ADC input.
REFIN
A3
A3
R1
R2
C1
+VS
Figure 52. Setting the Internal Reference
To limit the power consumption of the voltage divider, the use
of large resistors is recommended, such as 10 MΩ. The designer
must keep in mind that high resistor values make it easier for
interfering signals to appear at the input of the reference buffer.
To minimize noise pickup, it is recommended to place the resistors
close to each other and as near as possible to the REFIN terminal.
Furthermore, use a capacitor in parallel with the lower resistor
on the divider for additional filtering, as shown in Figure 52.
Keep in mind that a large capacitor results in better noise
filtering but it takes longer to settle the reference after power-up.
The total time it takes the reference to settle within 1% can be
estimated with the formula
tSETTLE_REFERENCE =
R2
R1
C1
R2
R1
5
Note that disabling the AD8233 with the shutdown terminal
does not discharge this capacitor.
FAST RESTORE CIRCUIT
Because of the low cutoff frequency used in high-pass filters in
ECG applications, signals may require several seconds to settle.
This settling time can result in a frustrating delay for the user
after a step response: for example, when the electrodes are first
connected.
This fast restore function is implemented internally, as shown in
Figure 53. The output of the instrumentation amplifier is connec-
ted to a window comparator. The window comparator detects a
saturation condition at the output of the instrumentation amplifier
when its voltage approaches 0.1 V from either supply rail.
SWITCH
TIMING
S1
S2
LOD
FR B3
IAOUT
0.1V
+IN
–IN
IA
B5
C5
+VS – 0.1V
C1
Figure 53. Fast Restore Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com