Electronic Components Datasheet Search
  English  ▼

X  

RT334012 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # RT334012
Description  Miniature Printed Circuit Board Relays, Sockets and Accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

RT334012 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  RT334012 Datasheet HTML 1Page - Siemens Semiconductor Group RT334012 Datasheet HTML 2Page - Siemens Semiconductor Group RT334012 Datasheet HTML 3Page - Siemens Semiconductor Group RT334012 Datasheet HTML 4Page - Siemens Semiconductor Group RT334012 Datasheet HTML 5Page - Siemens Semiconductor Group RT334012 Datasheet HTML 6Page - Siemens Semiconductor Group RT334012 Datasheet HTML 7Page - Siemens Semiconductor Group RT334012 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Part Number B
RT
1
3
4
012
1. Basic Series:
RT = Miniature, printed circuit board relay.
2. Enclosure:
1 = 1 pole 12A, Pinning 3.5mm, flux-tight (Code 1).
B = 1 pole 12A, Pinning 3.5mm, sealed (Code 1).
3 = 1 pole 16A, Pinning 5mm, flux-tight (Code 3).
D = 1 pole 16A, Pinning 5mm, sealed (Code 3).
4 = 2 pole 8A, Pinning 5mm, flux-tight (Code 5).
E = 2 pole 8A, Pinning 5mm, sealed (Code 5).
3. Contact Arrangement:
1 = 1 Form C (SPST) (Requires wiring diagram codes 1 or 3.)
2 = 2 Form C (DPST) (Requires wiring diagram code 5.)
3 = 1 Form A (SPST-NO) (Requires wiring diagram codes 1 or 3.)
4 = 2 Form A (DPST-NO) (Requires wiring diagram code 5.)
4. Contact Material:
4 = Silver-nickel 90/10 (standard stock).
1 = Silver cadmium Oxide (Special order)
5. Coil Voltage:
005 = 5VDC
009 = 9VDC
018 = 18VDC
048 = 48VDC
006 = 6VDC
012 = 12VDC
024 = 24VDC
Stock Items
RT114012
RT114024
RT134012
RT134024
RTB14005
RTB14012
RTB14024
RTB34012
RTB34024
RT314012
RT314024
RT334012
RTD14005
RTD14012
RTD14024
RTD34012
RTD34024
RT424012
RT424024
RT444012
RT444024
RTE24005
RTE24012
RTE24024
RTE44012
RTE44024
Ordering Information
Outline Dimensions
Wiring Diagrams (Bottom View)
.276
(7.0)
.300
(7.62)
.300
(7.62)
.800
(20.32)
.051 DIA.
(1.30)
.800
(20.32)
.400
(10.16)
.051 DIA.
(1.30)
.051 DIA.
(1.30)
.051 DIA.
(1.30)
PC Board Layouts (Bottom View)
Breaking Capacity
50
10
1
2
5
0.1
0.5
50
10
1
2
5
0.1
0.5
10
20
50
100
200 300
10
20
50
100
200 300
DC Voltage
DC Voltage
A
B
A
B
1 Pole 12A
1 Pole 16A
2 Pole 8A
Code 1
Code 3
Code 5
1 Pole 12A
3.5mm
1 Pole 16A
2 Pole 8A
5mm
Code 1
1 Pole
2 Pole
A: 1 Contact.
B: 2 Contacts in series.
Contact Life for Resistive AC Load (Typical)
10
7
0
0.8
1.6
2.4
3.2
4.0
Breaking Capacity (kVA)
10
6
10
5
10
4
0.4
1.2
2.0
2.8
3.6
A
B
C
A: 8A Model
B: 12A Model
C: 16A Model
Note: Data from 250VAC @ 70°C.
Code 3 & 5
.62
(15.7)
.50
(12.7)
1.14
(29)
6X .031 X .020
(.80 X .52)
2X .020 X .020
(.52 X .52)
.17
(4.3)
A: 16A Version.
B: 12A Version.
Note: On single throw models, only necessary terminals are present.
Note: On single throw models, only necessary terminals are present.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com