Electronic Components Datasheet Search
  English  ▼

X  

RTD14005 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # RTD14005
Description  Miniature Printed Circuit Board Relays, Sockets and Accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

RTD14005 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  RTD14005 Datasheet HTML 1Page - Siemens Semiconductor Group RTD14005 Datasheet HTML 2Page - Siemens Semiconductor Group RTD14005 Datasheet HTML 3Page - Siemens Semiconductor Group RTD14005 Datasheet HTML 4Page - Siemens Semiconductor Group RTD14005 Datasheet HTML 5Page - Siemens Semiconductor Group RTD14005 Datasheet HTML 6Page - Siemens Semiconductor Group RTD14005 Datasheet HTML 7Page - Siemens Semiconductor Group RTD14005 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
RT series
Sockets and Accessories
File E135149
File LR14385
NR 5318
RT78625 with RPMU0730
RP78601
RT16016
2.972
(75.5)
.610
(15.5)
.177
(4.5)
.874
(22.2)
1.693
(43)
A1
A2
21
11
14
2.972
(75.5)
.610
(15.5)
.177
(4.5)
.874
(22.2)
1.693
(43)
A1
12
A2
22
21
24
11
14
1.22
(31.0)
.5
(12.7)
.425
(10.8)
.354
(9.0)
.189
(4.8)
.189
(4.8)
RT78624
1
10A, 300VAC
5mm Pinning
RT78625
1,2
1 Pole 10A, 250VAC
2 Pole 2x 10A, 250VAC
5mm Pinning
RP78601
1
10A, 250VAC
3.5mm Pinning
Ø .06 DIA.
(1.52)
.60
(15.24)
.30
(7.62)
.80
(20.32)
.138
(3.51)
1.22
(31.0)
.5
(12.7)
.425
(10.8)
.354
(9.0)
.189
(4.8)
.189
(4.8)
RP78602
1
1 Pole 10A, 250VAC
2 Pole 2x 10A, 250VAC
5mm Pinning
Ø .06 DIA.
(1.52)
.60
(15.24)
.30
(7.62)
.20
(5.08)
.20
(5.08)
Hold-Down Spring RT16016
Hold-Down Spring RT16016
Hold-Down Spring RP16041
Hold-Down Spring RP16041
PC Board Layout
(Bottom View)
PC Board Layout
(Bottom View)
2.972
(75.5)
.610
(15.5)
.177
(4.5)
.874
(22.2)
2.283
(58)
A1
12
A2
22
21
24
11
14
Relay
Ejector
Module
RT78626
1,2
1 Pole 12A, 300VAC
2 Pole 2x 12A, 300VAC
5mm Pinning
Ejector/Hold-Down Spring RT16016
3
* Note
1. Not suitable for bistable relay with two coils.
2. For a 16A 1 pole relay the following jumpers have to be connected;
11 to 21, 12 to 22 and 14 to 24.
3. Insertion of the relay.
First the ejector (and eventually the module) has to be mounted onto the
socket. Then the relay has to be set in the correct position and pressed
into the socket until the ejector snaps over the top of the relay.
Sockets for RT Series Relays
Socket
Socket Termination
Hold-Down Spring
RT786241,2
DIN Screw Terminal
RT16016
RT786251,2
DIN Screw Terminal
RT16016
RT786261
DIN Screw Terminal
RT16016
RP786011
PCB
RP16041
RP786021
PCB
RP16041
RPMU0730
RC Network 110..230VAC
–
Socket and Accessory Selection Table
Stock items are boldfaced.
Siemens Electromechanical Components, Inc.
700 Westpark Drive
Peachtree City, GA 30269-1498
Specifications and availability subject to change without notice.
13C7800
Printed in U.S.A.
IH/2-99



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com