Electronic Components Datasheet Search
  English  ▼

X  

CV10440 Datasheet(PDF) 1 Page - Seme LAB

Part # CV10440
Description  Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

CV10440 Datasheet(HTML) 1 Page - Seme LAB

  CV10440 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CV10440
Bipolar NPN Device.
V
CEO =
45V
I
C = 0.1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
45
V
I
C(CONT)
0.1
A
h
FE
@ 0.4/0.001 (V
CE / IC)
175
500
-
f
t
35M
Hz
P
D
0.3
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar NPN Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Similar Part No. - CV10440

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CV10 JAE-CV10 Datasheet
320Kb / 7P
FREQUENCY RANGE TO 3GHz
CV10-CA-2RPL-8DW JAE-CV10-CA-2RPL-8DW Datasheet
320Kb / 7P
FREQUENCY RANGE TO 3GHz
CV10-CA-RPL-8DW JAE-CV10-CA-RPL-8DW Datasheet
320Kb / 7P
FREQUENCY RANGE TO 3GHz
CV10-PLP-F-0-R JAE-CV10-PLP-F-0-R Datasheet
320Kb / 7P
FREQUENCY RANGE TO 3GHz
CV10-RP-M-0 JAE-CV10-RP-M-0 Datasheet
320Kb / 7P
FREQUENCY RANGE TO 3GHz
More results

Similar Description - CV10440

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N929 SEME-LAB-2N929 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
SF_2N2895 SEME-LAB-SF_2N2895 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
SF_BFY76 SEME-LAB-SF_BFY76 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
SF_BFT30 SEME-LAB-SF_BFT30 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
SF_BSS78 SEME-LAB-SF_BSS78 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
BCY59C SEME-LAB-BCY59C Datasheet
10Kb / 1P
Bipolar NPN Device in A Hermetically sealed TO18 Metal Package
SF_BFT53 SEME-LAB-SF_BFT53 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
SF_ZT84 SEME-LAB-SF_ZT84 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
2N2221 SEME-LAB-2N2221 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
2N2221A SEME-LAB-2N2221A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com