Electronic Components Datasheet Search
  English  ▼

X  

AD5671R Datasheet(PDF) 25 Page - Analog Devices

Part # AD5671R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5671R Datasheet HTML 20Page - Analog Devices AD5671R Datasheet HTML 21Page - Analog Devices AD5671R Datasheet HTML 22Page - Analog Devices AD5671R Datasheet HTML 23Page - Analog Devices AD5671R Datasheet HTML 24Page - Analog Devices AD5671R Datasheet HTML 25Page - Analog Devices AD5671R Datasheet HTML 26Page - Analog Devices AD5671R Datasheet HTML 27Page - Analog Devices AD5671R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD5676
Data Sheet
Rev. B | Page 24 of 27
HARDWARE RESET (RESET)
The RESET pin is an active low reset that allows the outputs to
be cleared to either zero scale or midscale. The clear code value
is user selectable via the RESET select pin. It is necessary to keep
the RESET pin low for a minimum time (see Table 4) to complete
the operation (see Figure 2). When the RESET signal is returned
high, the output remains at the cleared value until a new value is
programmed. While the RESET pin is low, the outputs cannot be
updated with a new value. A software executable reset function
is also available that resets the DAC to the power-on reset code.
Command 0110 is designated for this software reset function
(see Table 9). Any events on the LDAC or RESET pins during
power-on reset are ignored.
RESET SELECT PIN (RSTSEL)
The AD5676 contains a power-on reset circuit that controls the
output voltage during power-up. By connecting the RSTSEL pin
low, the output powers up to zero scale. Note that this is outside
the linear region of the DAC; by connecting the RSTSEL pin
high, VOUTx power up to midscale. The output remains powered
up at this level until a valid write sequence is made to the DAC.
The RSTSEL pin is only available on the TSSOP package. When
the AD5676 LFCSP package is used the outputs power up to 0 V.
AMPLIFIER GAIN SELECTION ON LFCSP PACKAGE
The output amplifier gain setting for the LFCSP package is
determined by the state of Bit DB2 in the Gain setup register
(see Table 16 and Table 17).
Table 16. Gain Setup Register
Bit
Description
DB2
Amplifier gain setting
DB2 = 0; amplifier gain = 1 (default)
DB2 = 1; amplifier gain = 2
Table 17. 24-Bit Input Shift Register Contents for Gain Setup Command
DB23 (MSB)
DB22
DB21
DB20
DB19 to DB3
DB2
DB1
DB0 (LSB)
0
1
1
1
Don’t care
Gain
Reserved; set to 0
Reserved; set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com