Electronic Components Datasheet Search
  English  ▼

X  

RT424012 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # RT424012
Description  Miniature Printed Circuit Board Relays, Sockets and Accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

RT424012 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  RT424012 Datasheet HTML 1Page - Siemens Semiconductor Group RT424012 Datasheet HTML 2Page - Siemens Semiconductor Group RT424012 Datasheet HTML 3Page - Siemens Semiconductor Group RT424012 Datasheet HTML 4Page - Siemens Semiconductor Group RT424012 Datasheet HTML 5Page - Siemens Semiconductor Group RT424012 Datasheet HTML 6Page - Siemens Semiconductor Group RT424012 Datasheet HTML 7Page - Siemens Semiconductor Group RT424012 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RT series (AC Coil)
16 Amp Miniature
Printed Circuit Board Relay
Meets VDE 10mm Spacing, 5KV Dielectric
File E38891
File LR14385
NR 6106
Features
• SPST through DPDT contact arrangements.
• Immersion cleanable and flux tight versions available.
• Meets VDE 10mm spacing, 5kV dielectric, coil to contacts.
• Conforms to UL 508, 1873 and 353.
Initial Dielectric Strength
Between Open Contacts: >1,000VAC (1 minute).
Between Poles (code 5): >2,500VAC (1 minute).
Between Coil and Contacts: >5,000VAC (1 minute).
Creepage/Clearance, Coil to Contact: 10/10mm.
Coil Data @ 20°C
Voltage: 24, 115, 230VAC.
Nominal Power @ 25°C: .75VA.
Duty Cycle: Continuous.
Initial Insulation Resistance: 10,000 megohms, min., at 20°C, 500VDC
and 50% rel. humidity..
Coil Data
Max. Ambient Temp. vs. Coil Voltage
60
100
140
180
220
260
300
0
20
40
60
80
100
0 A
A
B
Max. Allowable Ambient Temp. (°C)
8 A
16A
12A
Operate Data
Must Operate Voltage: See coil data.
Operate Time (Excluding Bounce): 8 ms, typ., at nom. voltage.
Release Time (Excluding Bounce): 11 ms, typ., at nom. voltage.
Environmental Data
Temperature Range:
Storage: -40°C to +105°C.
Operating: -40°C to +70°C at rated current.
Vibration: 30 - 150 Hz:
at 20g with no contact opening >10µs on the N.O. contact;
at 5g with no contact opening >10µs on the N.C. contact.
Mechanical Data
Termination: Printed circuit terminals.
Enclosures: RT 1, 3, 4: Flux-tight, top vented, plastic case.
RT B, D, E: Immersion cleanable, plastic case.
Weight: 0.42 oz. (12g) approximately.
A: Coil temperature = Ambient temperature.
B: 110% of nominal coil voltage at rated contact load.
Contact Data
Arrangements: 1 Form A (SPST-NO) Wiring Diagram Code 1, 3.
2 Form A (DPST-NO) Wiring Diagram Code 5.
1 Form C (SPDT) Wiring Diagram Code 1, 3.
2 Form C (DPDT) Wiring Diagram Code 5.
Material: Silver-nickel 90/10.
Minimum Load: 12V/100mA.
Expected Mechanical Life: 10 million operations.
* Form A only
Designed to meet UL/CSA/VDE ratings with relay proper-
ly vented. Remove vent nib after soldering and cleaning.
UL/CSA Ratings @ 25°C:
Code
NO/NC Load
Type
Operations
1
12A NO @ 240VAC
GP
30K
10A/5A @ 240VAC
Resistive/GP
100K
8A @ 28VDC
Resistive
30K
1 HP @ 240VAC*
Motor
6K
1/2 HP @ 120VAC*
Motor
6K
8A @ 28VDC*
Resistive
30K
B300
Pilot Duty
6K
3
16A/8A @ 240VAC
GP
6K
8A @ 28VDC
Resistive
30K
1/2 HP @ 120VAC*
Motor
6K
1HP @ 240VAC*
Motor
6K
48 LRA, 8 FLA @ 240VAC
Motor
30K
B300
Pilot Duty
6K
5
8A @ 240VAC
Resistive
30K
8A @ 28VDC
Resistive/GP
30K
1/2 HP @ 240VAC
Motor
6K
1/4 HP @ 120VAC
Motor
6K
B300
Pilot Duty
6K
VDE Ratings @ 25°C:
Code
NO/NC Load
Type
Operations
1
12A @ 250VAC
Resistive
30K
12A @ 250VAC
Resistive
100K
3
16A @ 250VAC
Resistive
10K
16A @ 250VAC
Resistive
50K
5
8A @ 250VAC
Resistive
30K
8A @ 250VAC
Resistive
50K
DC
Must
Nominal
Nominal
Nominal
Resistance Operate
Drop-out
Coil
Coil
Voltage
in Ohms
Voltage
Voltage
Current
Current
VAC
±10%
VAC
VAC
(mA)–50Hz. (mA)–60Hz.
24
350
18.0
3.6
31.6
24.3
115
8,100
86.3
17.3
6.6
5.1
230
32,500
172.5
34.5
3.3
2.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com