Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9144-EBZ
Description  Mini-USB Cable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 2 Page - Analog Devices

  AD9144-EBZ Datasheet HTML 1Page - Analog Devices AD9144-EBZ Datasheet HTML 2Page - Analog Devices AD9144-EBZ Datasheet HTML 3Page - Analog Devices AD9144-EBZ Datasheet HTML 4Page - Analog Devices AD9144-EBZ Datasheet HTML 5Page - Analog Devices AD9144-EBZ Datasheet HTML 6Page - Analog Devices AD9144-EBZ Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev 27 Jan 2014 16:01 | Page 2
http://www.analog.com/dpg. This will install DPGDownloader (for generating and loading vectors into
the DPG3) and AD9144 SPI software.
Hardware Setup
Connect +5.0V to P5, GND to P6. A low phase noise high frequency clock source should be connected
to the SMA connector, J1. This is the DACCLK input. The spectrum analyzer should be connected to
the SMA connector, J4. A +1.0V power supply must be connected to the VTT probe point near SMA
connector J9, along with a GND connection to the GND probe point next to it. The evaluation board
connects to the DPG3 through the connectors P4. The PC should be connected to the EVB using the
mini-USB connector XP2 after installation of the Evaluation Board software. Figure 1 shows the block
diagram of the set-up.
Figure 1. Block diagram of the AD9144 lab bench set-up
Figure 2. Top view of AD9144-EBZ
Getting Started
The PC software comes on the included Evaluation Board CD, but may also be downloaded from the
DPG Web site at http://www.analog.com/dpg. The installation will include the DPG Downloader
software as well as all the necessary AD9144 files including schematic, board layout, datasheet,
AD9144 SPI, and other files.
Initial Set-Up
1. Install the DPG Downloader and AD9144 SPI software and support files on your PC. Follow the
instructions in the installation wizard and use the default (recommended) installation settings.
2. Use a USB cable to connect the EVB to your PC and connect the lab equipment to the EVB.
3. Connect the DGP3 unit to your PC and turn on the unit.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com