Electronic Components Datasheet Search
  English  ▼

X  

SC1403ITSTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1403ITSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403ITSTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC1403ITSTR Datasheet HTML 1Page - Semtech Corporation SC1403ITSTR Datasheet HTML 2Page - Semtech Corporation SC1403ITSTR Datasheet HTML 3Page - Semtech Corporation SC1403ITSTR Datasheet HTML 4Page - Semtech Corporation SC1403ITSTR Datasheet HTML 5Page - Semtech Corporation SC1403ITSTR Datasheet HTML 6Page - Semtech Corporation SC1403ITSTR Datasheet HTML 7Page - Semtech Corporation SC1403ITSTR Datasheet HTML 8Page - Semtech Corporation SC1403ITSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
www.semtech.com
SC1403
Mobile Multi-Output PWM Controller
with Virtual Current SenseTM
POWER MANAGEMENT
PRELIMINARY
Revision 3, August 2002
Description
Features
Applications
Typical Application Circuit
The SC1403 is a multiple-output power supply controller
designed to power battery operated systems. The
SC1403 provides synchronous rectified buck converter
control for two (3.3 V and 5 V) power supplies. An effi-
ciency of 95% can be achieved for the two supplies. The
SC1403 uses Semtech’s proprietary Virtual Current
SenseTM technology along with external error amplifier
compensation to achieve enhanced stability and DC ac-
curacy over a wide range of output filter components
while maintaining fixed frequency operation. The SC1403
also provides a linear regulator for system housekeep-
ing. The 5 V linear regulator takes its input from the
battery; for efficiency, the output is switched to the 5V
output when available.
Control functions include: power up sequencing, soft
start, power-good signaling, and frequency synchroniza-
tion. Line and load regulation is to +/-1% of the output
voltage. The internal oscillator can be adjusted to 200
kHz or 300 kHz or synchronized to an external clock.
The MOSFET drivers provide >1A peak drive current for
fast MOSFET switching.
The SC1403 includes a PSAVE# input to select pulse
skipping mode for high efficiency at light load, or fixed
frequency mode for low noise operation.
3.3V and 5V dual synchronous outputs, resistor
programmable to 2.5V
Fixed frequency or PSAVE for maximum efficiency
over wide load current range
5V / 50mA linear regulator
Virtual Current Sense
TM for enhanced stability
Accurate low loss current limiting
Out of phase switching reduces input capacitance
requirements
External compensation supports wide range of
output filter components
Programmable power-up sequence
Power good output
Output overvoltage & overcurrent protection with
output undervoltage shutdown
4µA typical shutdown current
6mW typical quiescent power
Notebook and subnotebook computers
Automotive electronics
Desktop DC-DC converters
4
5
L2
L1
COMP3
BST3
DH3
PHASE3
DL3
CSH3
CSL3
FB3
ON3
ON5
PSAV#
GND
RST#
REF
SEQ
FB5
CSL5
CSH5
PGND
DL5
PHASE5
DH5
BST5
COMP5
SYNC
V+
SHDN#
VL


Similar Part No. - SC1403ITSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1403ITSTR SEMTECH-SC1403ITSTR Datasheet
560Kb / 31P
Mobile Multi-Output PWM Controller with Lossless Current Sense
SC1403ITSTRT SEMTECH-SC1403ITSTRT Datasheet
560Kb / 31P
Mobile Multi-Output PWM Controller with Lossless Current Sense
More results

Similar Description - SC1403ITSTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
Single Output Mobile-Friendly PWM Controller
December 28, 2004
logo
Semtech Corporation
SC1404 SEMTECH-SC1404 Datasheet
501Kb / 27P
Mobile Multi-Output PWM Controller with Virtual Current Sense
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
Single Output Mobile-Friendly PWM Controller
June 8, 2006
logo
Semtech Corporation
SC1404 SEMTECH-SC1404_05 Datasheet
458Kb / 25P
Mobile Multi-Output PWM Controller with Virtual Current SenseTM
SC1403 SEMTECH-SC1403_04 Datasheet
560Kb / 31P
Mobile Multi-Output PWM Controller with Lossless Current Sense
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
Single Output Mobile-Friendly PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com