Electronic Components Datasheet Search
  English  ▼

X  

SC1405B Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1405B
Description  High Speed Synchronous Power MOSFET Smart Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405B Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1405B Datasheet HTML 5Page - Semtech Corporation SC1405B Datasheet HTML 6Page - Semtech Corporation SC1405B Datasheet HTML 7Page - Semtech Corporation SC1405B Datasheet HTML 8Page - Semtech Corporation SC1405B Datasheet HTML 9Page - Semtech Corporation SC1405B Datasheet HTML 10Page - Semtech Corporation SC1405B Datasheet HTML 11Page - Semtech Corporation SC1405B Datasheet HTML 12Page - Semtech Corporation SC1405B Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1405B
To eliminate the effect of the ringing on the boost ca-
pacitor voltage, place a 4.7 - 10 Ohm resistor between
boost Schottky diode and Vcc to filter the negative spikes
on DRN Pin. Alternately, a Silicon diode, such as the
commonly available 1N4148 can substitute for the
Schottky diode and eliminate the need for the series re-
sistor.
Proper layout will guarantee minimum ringing and elimi-
nate the need for external components. Use of SO-8 or
other surface mount MOSFETs will reduce lead induc-
tance and their parasitic effects.
ASYNCHRONOUS OPERATION
The SC1405B can be configured to operate in Asynchro-
nous mode by pulling S-MOD to logic LOW, thus disabling
the bottom FET drive. This has the effect of saving power
at light loads since the bottom FET’s gate capacitance
does not have to charged at the switching frequency.
There can be a significant savings since the bottom driver
can supply up to 2A pulses to the FET at the switching
frequency.
There is an additional efficiency benefit to
operating in asynchronous mode. When operating in syn-
chronous mode, the inductor current can go negative
and flow in reverse direction when the bottom FET is on
and the DC load is less than 1/2 inductor ripple current.
Applications Information (Cont.)
At that point, the inductor core and wire losses, depend-
ing on the magnitude of the ripple current, can be quite
significant. Operating in asynchronous mode at light loads
effectively only charges the inductor by as much as
needed to supply the load current, since the inductor
never completely discharges at light loads. DC regula-
tion can be an issue when operating in asynchronous
mode, depending on the type of controller used and mini-
mum load required to maintain regulation. If there are
no Shottkey diodes used in parallel with bottom FET, the
FET’s body diode will need to conduct in asynchronous
mode. The high voltage drop of this diode must be con-
sidered when determining the criteria for this mode of
operation.
DSPS DR
This pin produces an output which is a logical duplicate
of the bottom FET’s gate drive, if S-MOD is held LOW.
OVP_S/OVER TEMP SHUTDOWN
Output over-voltage protection may be implemented on
the SC1405 independent of the PWM controller . A volt-
age divider from the output is compared with the inter-
nal bandgap voltage of 1.2V (typical). Upon exceeding
this voltage, the overvoltage comparator disables the top
FET, while turning on the bottom FET to allow discharge
of the output capacitors excessive voltage through the
output inductor. There should be sufficient RC time con-
stant as well as voltage headroom on the OVP_S pin to
assure it does not enter overvoltage mode inadvertently.
The SC1405 will shutdown if its Tj exceeds 165°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com