Electronic Components Datasheet Search
  English  ▼

X  

ADM7170 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM7170
Description  Adjustable and fixed output voltage options
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7170 Datasheet(HTML) 4 Page - Analog Devices

  ADM7170 Datasheet HTML 1Page - Analog Devices ADM7170 Datasheet HTML 2Page - Analog Devices ADM7170 Datasheet HTML 3Page - Analog Devices ADM7170 Datasheet HTML 4Page - Analog Devices ADM7170 Datasheet HTML 5Page - Analog Devices ADM7170 Datasheet HTML 6Page - Analog Devices ADM7170 Datasheet HTML 7Page - Analog Devices ADM7170 Datasheet HTML 8Page - Analog Devices ADM7170 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet
ADM7170
Rev. C | Page 3 of 23
SPECIFICATIONS
VIN = (VOUT + 0.5 V) or 2.3 V (whichever is greater), EN = VIN, ILOAD = 10 mA, CIN = COUT = 4.7 µF, TA = 25°C for typical specifications,
TJ = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
2.3
6.5
V
LOAD CURRENT
ILOAD
500
mA
OPERATING SUPPLY CURRENT
IGND
ILOAD = 0 µA
0.7
2.0
mA
ILOAD = 500 mA
3.0
5.1
mA
SHUTDOWN CURRENT
IGND-SD
EN = GND, VIN = 5 V
0.25
3.8
µA
OUTPUT VOLTAGE ACCURACY
Fixed Output Voltage Accuracy
VOUT
ILOAD = 10 mA, TJ = 25°C
−0.75
+0.75
%
100 μA< ILOAD < 500 mA, VIN = (VOUT + 0.5 V) to 6.5 V
−1.25
+1.25
%
Adjustable Output Voltage
Accuracy
VSENSE
ILOAD = 10 mA
1.191
1.200
1.209
V
10 mA < ILOAD < 2 A, VIN = (VOUT + 0.5 V) to 6.5 V
1.185
1.215
V
REGULATION
Line
∆VOUT/∆VIN
VIN = (VOUT + 0.5 V) to 6.5 V
−0.1
+0.1
%/V
Load
∆VOUT/∆ILOAD
ILOAD = 100 μA to 500 mA
0.1
0.6
%/A
SENSE INPUT BIAS CURRENT
SENSEI-BIAS
100 μA< ILOAD < 500 mA, VIN = (VOUT + 0.5 V) to 6.5 V
1
nA
DROPOUT VOLTAGE1
VDROPOUT
ILOAD = 500 mA, VOUT = 3 V
42
70
mV
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, all fixed output voltages
6
µV rms
100 Hz to 100 kHz, all fixed output voltages
5
µV rms
Noise Spectral Density
100 Hz, all fixed output voltages
110
nV/√Hz
1 kHz, all fixed output voltages
40
nV/√Hz
10 kHz, all fixed output voltages
20
nV/√Hz
100 kHz, all fixed output voltages
12
nV/√Hz
POWER SUPPLY REJECTION RATIO
PSRR
100 kHz, VIN = 4.0 V, VOUT = 3 V, ILOAD = 500 mA, CSS = 0 nF
60
dB
100 kHz, VIN = 3.5 V, VOUT = 3 V, ILOAD = 500 mA, CSS = 0 nF
53
dB
100 kHz, VIN = 3.3 V, VOUT = 3 V, ILOAD = 500 mA, CSS = 0 nF
42
dB
1 MHz, VIN = 4.0 V, VOUT = 3 V, ILOAD = 500 mA, CSS = 0 nF
31
dB
1 MHz, VIN = 3.5 V, VOUT = 3 V, ILOAD = 500 mA, CSS = 0 nF
30
dB
1 MHz, VIN = 3.3 V, VOUT = 3 V, ILOAD = 500 mA, CSS = 0 nF
20
dB
TRANSIENT LOAD RESPONSE
tTR-REC
Time for output voltage to settle within ±VSETTLE from
VDEV for a 1 mA to 500 mA load step, load step rise
time = 400 ns
1.5
μs
VDEV
Output voltage deviation due to 1 mA to 500 mA load
step
35
mV
VSETTLE
Output voltage deviation after transient load response
time (tTR-REC) has passed, VOUT = 5 V, COUT = 4.7 µF
0.1
%
START-UP TIME2
tSTART-UP
VOUT = 5 V, CSS = 0 nF
380
µs
VOUT = 5 V, CSS = 1 nF
1.0
ms
SOFT START CURRENT
ISS
VIN = 5 V
0.5
1
1.5
µA
CURRENT-LIMIT THRESHOLD3
ILIMIT
0.7
1.3
1.8
A
VOUT PULL-DOWN RESISTANCE
VOUT-PULL
EN = 0 V, VOUT = 1 V
11
kΩ
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
UNDERVOLTAGE THRESHOLDS
Input Voltage Rising
UVLORISE
2.28
V
Input Voltage Falling
UVLOFALL
1.94
V
Hysteresis
UVLOHYS
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com