Electronic Components Datasheet Search
  English  ▼

X  

ADM7171 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM7171
Description  Fast transient response
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7171 Datasheet(HTML) 1 Page - Analog Devices

  ADM7171 Datasheet HTML 1Page - Analog Devices ADM7171 Datasheet HTML 2Page - Analog Devices ADM7171 Datasheet HTML 3Page - Analog Devices ADM7171 Datasheet HTML 4Page - Analog Devices ADM7171 Datasheet HTML 5Page - Analog Devices ADM7171 Datasheet HTML 6Page - Analog Devices ADM7171 Datasheet HTML 7Page - Analog Devices ADM7171 Datasheet HTML 8Page - Analog Devices ADM7171 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
6.5 V, 1 A, Ultralow Noise, High PSRR,
Fast Transient Response CMOS LDO
Data Sheet
ADM7171
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.3 V to 6.5 V
Maximum load current: 1 A
Low noise: 5 µV rms independent of output voltage at
100 Hz to 100 kHz
Fast transient response: 1.5 μs for 1 mA to 500 mA load step
60 dB PSRR at 100 kHz
Low dropout voltage: 42 mV at 500 mA load, VOUT = 3 V
Initial accuracy: −0.5% (minimum), +1% (maximum)
Accuracy over line, load, and temperature: ±1.5%
Quiescent current, IGND = 0.7 mA with no load
Low shutdown current: 0.25 μA at VIN = 5 V
Stable with small 4.7 µF ceramic output capacitor
Adjustable and fixed output voltage options: 1.2 V to 5.0 V
Adjustable output from 1.2 V to VIN − VDO
Precision enable
Adjustable soft start
8-lead, 3 mm × 3 mm LFCSP package
Supported by ADIsimPower tool
APPLICATIONS
Regulation to noise sensitive applications: ADC and DAC
circuits, precision amplifiers, PLLs/VCOs, and clocking ICs
Communications and infrastructure
Medical and healthcare
Industrial and instrumentation
GENERAL DESCRIPTION
The ADM7171 is a CMOS, low dropout linear regulator (LDO)
that operates from 2.3 V to 6.5 V and provides up to 1 A of output
current. This high output current LDO is ideal for regulation of
high performance analog and mixed signal circuits operating
from 6 V down to 1.2 V rails. Using an advanced proprietary
architecture, the device provides high power supply rejection and
low noise, and achieves excellent line and load transient response
with just a small 4.7 µF ceramic output capacitor. Load transient
response is typically 1.5 μs for a 1 mA to 500 mA load step.
The ADM7171 is available in 17 fixed output voltage options.
The following voltages are available from stock: 1.3 V, 1.8 V,
2.5 V, 3.0 V, 3.3 V, 4.2 V, and 5.0 V. Additional voltages that are
available by special order are: 1.5 V, 1.85 V, 2.0 V, 2.2 V, 2.7 V,
2.75 V, 2.8 V, 2.85 V, 3.8 V, and 4.6 V. An adjustable version is
also available that allows output voltages that range from 1.2 V
to VIN − VDO with an external feedback divider.
Inrush current can be controlled by adjusting the start-up time
via the soft start pin. The typical start-up time with a 1 nF soft
start capacitor is 1.0 ms.
TYPICAL APPLICATION CIRCUIT
Figure 1. ADM7171 with Fixed Output Voltage, 3.3 V
The ADM7171 regulator output noise is 5 μV rms independent
of the output voltage. The ADM7171 is available in an 8-lead,
3 mm × 3 mm LFCSP, making it not only a very compact solution,
but also providing excellent thermal performance for applications
requiring up to 1 A of output current in a small, low profile
footprint.
Figure 2. Transient Response (Trace 2), 1mA to 500 mALoad Step in 400ns (Trace1)
Table 1. Related Devices
Device
Input Voltage
Output Current
Package
ADM7170
2.3 V to 6.5 V
500 mA
8-lead LFCSP
ADM7172
2.3 V to 6.5 V
2 A
8-lead LFCSP
VOUT
SENSE
SS
VIN
EN
ADM7171
GND
VIN
VOUT
CSS
1nF
CIN
4.7µF
COUT
4.7µF
OFF
ON
VIN = 5V
VOUT = 3.3V
CH1 200mA ΩBW CH2 10mV BW M400ns A CH3
100mV
T 0.40%
1
2
T


Similar Part No. - ADM7171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7170 AD-ADM7170 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-1.3-R7 AD-ADM7170ACPZ-1.3-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-1.8-R7 AD-ADM7170ACPZ-1.8-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-2.5-R7 AD-ADM7170ACPZ-2.5-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-3.0-R7 AD-ADM7170ACPZ-3.0-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
More results

Similar Description - ADM7171

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
Fast Transient Response
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
Fast Transient Response
MSK5141 MSK-MSK5141_15 Datasheet
472Kb / 8P
Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
Fast transient response
logo
International Rectifier
IRUH3301A1B IRF-IRUH3301A1B_15 Datasheet
184Kb / 9P
Fast Transient Response
IRUH330118B IRF-IRUH330118B_15 Datasheet
168Kb / 9P
Fast Transient Response
IRUH330125A IRF-IRUH330125A_15 Datasheet
170Kb / 9P
Fast Transient Response
IRUH330125B IRF-IRUH330125B_15 Datasheet
168Kb / 9P
Fast Transient Response
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
Fast Transient Response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com