Electronic Components Datasheet Search
  English  ▼

X  

ADP5051 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5051
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5051 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5051 Datasheet HTML 23Page - Analog Devices ADP5051 Datasheet HTML 24Page - Analog Devices ADP5051 Datasheet HTML 25Page - Analog Devices ADP5051 Datasheet HTML 26Page - Analog Devices ADP5051 Datasheet HTML 27Page - Analog Devices ADP5051 Datasheet HTML 28Page - Analog Devices ADP5051 Datasheet HTML 29Page - Analog Devices ADP5051 Datasheet HTML 30Page - Analog Devices ADP5051 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
ADP5053
Data Sheet
Rev. B | Page 26 of 36
COMPENSATION COMPONENTSDESIGN
For the peak current mode control architecture, simplify the
power stage as a voltage controlled current source that supplies
current to the output capacitor and load resistor. The simplified
loop is composed of one domain pole and a zero contributed by
the output capacitor ESR. The control-to-output transfer
function is shown in the following equations:
×
π
×
+
×
π
×
+
×
×
=
=
p
z
VI
COMP
OUT
vd
f
s
f
s
R
A
s
V
s
V
s
G
2
1
2
1
)
(
)
(
)
(
OUT
ESR
z
C
R
f
×
×
π
×
=
2
1
(
)
OUT
ESR
p
C
R
R
f
×
+
×
π
×
=
2
1
where:
AVI = 10 A/V for Channel 1 or Channel 2, and 3.33 A/V for
Channel 3 or Channel 4.
R is the load resistance.
s = the frequency domain factor.
RESR is the equivalent series resistance of the output capacitor.
COUT is the output capacitance.
The ADP5053 uses a transconductance amplifier as the error
amplifier to compensate the system. Figure 47 shows the
simplified peak current mode control small signal circuit.
RESR
R
+
–
g
m
RC
CCP
COUT
CC
RTOP
RBOT
–
+
AVI
VOUT
VCOMP
VOUT
Figure 47. Simplified Peak Current Mode Control Small Signal Circuit
The compensation components, RC and CC, contribute a zero;
RC and the optional CCP contribute an optional pole.
The closed-loop transfer equation is as follows:
)
(
1
1
)
(
s
G
s
C
C
C
C
R
s
s
C
R
C
C
g
R
R
R
s
T
vd
CP
C
CP
C
C
C
C
CP
C
m
TOP
BOT
BOT
V
×
×
+
×
×
+
×
×
×
+
×
+
−
×
+
=
The following guidelines define how the compensation
components (RC, CC, and CCP) selection for ceramic output
capacitor applications.
1. Determine the cross frequency (fC). Generally, fC is between
fSW/12 and fSW/6.
2. Calculate RC using the following equation:
VI
m
C
OUT
OUT
C
A
g
f
C
V
R
×
×
×
×
×
π
×
=
V
8
.
0
2
3. Place the compensation zero at the domain pole (fP).
Calculate CC using the following equation:
(
)
C
OUT
ESR
C
R
C
R
R
C
×
+
=
4. CCP is optional. It can be used to cancel the zero caused by
the ESR of the output capacitor. Calculate CCP using the
following equation:
C
OUT
ESR
CP
R
C
R
C
×
=
POWER DISSIPATION
The total power dissipation in the ADP5053 simplifies to
PD = PBUCK1 + PBUCK2 + PBUCK3 + PBUCK4
Buck RegulatorPower Dissipation
The power dissipation (PLOSS) for each buck regulator includes
power switch conduction losses (PCOND), switching losses (PSW),
and transition losses (PTRAN). Other sources of power dissipation
exist, but these sources are generally less significant at the high
output currents of the application thermal limit.
Use the following equation to estimate the power dissipation of
the buck regulator:
PLOSS = PCOND + PSW + PTRAN
Power Switch ConductionLoss (PCOND)
Power switch conduction losses are caused by the flow of output
current through both the high-side and low-side power switches,
each of which has its own internal on resistance (RDSON).
Use the following equation to estimate the power switch
conduction loss:
PCOND = (RDSON_HS × D + RDSON_LS × (1 − D)) × IOUT2
where:
RDSON_HS is the on resistance of the high-side MOSFET.
RDSON_LS is the on resistance of the low-side MOSFET.
D is the duty cycle (D = VOUT/VIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com