Electronic Components Datasheet Search
  English  ▼

X  

ADSP-CM403F Datasheet(PDF) 64 Page - Analog Devices

Part # ADSP-CM403F
Description  Analog Devices
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM403F Datasheet(HTML) 64 Page - Analog Devices

Back Button ADSP-CM403F Datasheet HTML 60Page - Analog Devices ADSP-CM403F Datasheet HTML 61Page - Analog Devices ADSP-CM403F Datasheet HTML 62Page - Analog Devices ADSP-CM403F Datasheet HTML 63Page - Analog Devices ADSP-CM403F Datasheet HTML 64Page - Analog Devices ADSP-CM403F Datasheet HTML 65Page - Analog Devices ADSP-CM403F Datasheet HTML 66Page - Analog Devices ADSP-CM403F Datasheet HTML 67Page - Analog Devices ADSP-CM403F Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
08/27/2013
PROC, JTAG/SWD AND TRACE CONN, CLOCK
ADSP-CM403F EZ-KIT
A0342-2012
10
2
1.0
D
4
3
2
1
A
B
C
20 Cotton Road
Nashua, NH 03063
A
B
C
D
4
3
2
1
PH: 1-800-ANALOGD
C
Title
Size
Board No.
Date
Sheet
of
DEVICES
ANALOG
Rev
U1
ADSP-CM403BSWZ
QFPS40P1600X1600X160-121N
47
46
48
51
50
102
104
103
106
105
107
110
117
115
111
112
113
114
45
42
41
40
39
38
37
35
19
15
14
13
12
11
10
8
7
6
5
4
3
1
PA_13/PWM1_AL/TM0_TMR5/SMC0_D05
PA_12/PWM1_AH/TM0_TMR4/SMC0_D04
PA_11/PWM1_TRIP0/UART1_CTS/SMC0_D03/TM0_ACLK2
PA_10/PWM1_SYNC/SMC0_D02/TM0_ACLK3
PA_09/PWM1_CL/SMC0_D01/TM0_ACLK4
PA_08/PWM1_CH/SMC0_D00/TM0_ACLK5
PA_07/PWM0_CL/SMC0_AMS2/SPT1_BD1
PA_06/PWM0_CH/SPT1_BD0
PA_05/PWM0_BL/SPT1_BFS
PA_04/PWM0_BH/SPT1_BCLK
PA_03/PWM0_AL/SPT1_AD1
PA_02/PWM0_AH/SPT1_AD0
PA_01/PWM0_TRIP0/SPT1_AFS
PA_00/PWM0_SYNC/SPT1_ACLK
PC_07/SINC0_CLK1/UART2_TX/UART1_RTS/SYS_DSWAKE1
PC_06/SPI0_SEL1/PWM2_DL/SYS_DSWAKE0
PC_05/SPI0_MOSI/PWM2_DH
PC_04/SPI0_MISO/PWM2_CL
PC_03/SPI0_CLK/PWM2_CH
PC_02/UART0_TX/TRACE_D3/SPI0_RDY
PC_01/UART0_RX/SMC0_A05/TM0_ACI5
PC_00/CAN0_TX/SPT1_BTDV/UART1_TX/SMC0_A04
PB_00/PWM0_DH/TRACE_CLK/SPT0_ACLK/SMC0_D08/CNT0_ZM
PB_01/PWM0_DL/TRACE_D0/SPT0_AFS/SMC0_D09/CNT0_UD
PB_02/PWM1_DH/TRACE_D1/SPT0_AD0/SMC0_D10/CNT0_DG
PB_03/PWM1_DL/TRACE_D2/SPT0_AD1/SMC0_D11/CNT1_ZM
PA_15/PWM1_BL/TM0_TMR3/SMC0_D07
PA_14/PWM1_BH/TM0_TMR6/SMC0_D06
PB_04/PWM2_SYNC/UART0_RTS/SPT0_ATDV/SMC0_D12/CNT1_UD
PB_05/PWM2_TRIP0/UART0_CTS/TM0_TMR7/SMC0_D13/CNT1_DG
PB_06/PWM2_AH/TM0_CLK/SMC0_D14
PB_07/PWM2_AL/TM0_TMR0/SMC0_D15
PB_08/PWM2_BH/TM0_TMR1/UART1_RX/SMC0_ARDY/TM0_ACI2
PB_09/PWM2_BL/TM0_TMR2/UART1_TX/SMC0_ARE
PB_10/SINC0_CLK0/SPI0_D2/CAN1_RX/SMC0_AWE/TM0_ACI1
PB_11/SINC0_D0/SPI0_D3/CAN1_TX/SMC0_AMS0/TM0_ACLK1
PB_12/SINC0_D1/UART2_RX/SMC0_AOE/TM0_ACI3
PB_13/SINC0_D2/CNT0_OUTA/SPI0_SEL2/SMC0_A01/TM0_ACLK0/SYS_DSWAKE3
PB_14/SINC0_D3/CNT0_OUTB/SPI0_SEL3/SMC0_A02/SPI0_SS/SYS_DSWAKE2
PB_15/CAN0_RX/SPT1_ATDV/UART1_RX/SMC0_A03/TM0_ACI4
U1
ADSP-CM403BSWZ
QFPS40P1600X1600X160-121N
18
32
33
30
34
31
20
99
21
23
118
24
119
120
29
28
TWI0_SCL
TWI0_SDA
SYS_BMODE0
SYS_BMODE1
SYS_CLKIN
SYS_CLKOUT
SYS_XTAL
SYS_HWRST
SYS_NMI
SYS_FAULT
JTG_TCK/SWCLK
JTG_TMS/SWDIO
JTG_TDI
JTG_TDO/SWO
JTG_TRST
SYS_RESOUT
C49
0402
0.1UF
3.3V
R122
DNP
0
0402
Y1
DNP
30MHZ
OSC013
TP10
R6
0402
0
DNP
R7
DNP
0
0402
C2
DNP
18PF
0402
U25
30MHZ
OSC012
GND
2
OE
1
OUT
3
VDD
4
C3
DNP
18PF
0402
R8
10K
0402
TP1
3.3V
3.3V
3.3V
R9
33
0402
C4
0.01UF
0402
0402
0
R121
C1
0402
0.1UF
3.3V
3.3V
R1
0402
10K
R119
0
0402
DNP
R2
0402
10K
DNP
R3
0402
10K
DNP
R4
0402
10K
3.3V
R114
0
0402
R115
0
0402
R116
0
0402
R117
0
0402
R118
0
0402
R5
0
0402
R120
33
0402
P2
SAMTEC_SHF-110-01-L-D-TH
20
18
16
19
17
15
11
13
9
1
3
5
7
4
2
6
10
8
12
14
R123
0
0402
R124
0402
10K
R125
0402
10K
P1
TE_5103308-5
20
18
16
19
17
15
11
13
9
1
3
5
7
4
2
6
10
8
12
14
DNP
R126
10K
0402
U31
DNP
SOT23-5
SN74LVC1G08
4
2
1
R127
0402
0
3.3V
R128
0
0402
PB_08/PWM2_BH/TM0_TMR1/UART1_RX/SMC0_ARDY/TM0_ACI2
PB_09/PWM2_BL/TM0_TMR2/UART1_TX/SMC0_ARE
PC_01/UART0_RX/SMC0_A05/TM0_ACI5
PB_04/PWM2_SYNC/UART0_RTS/SPT0_ATDV/SMC0_D12/CNT1_UD
PB_05/PWM2_TRIP0/UART0_CTS/TM0_TMR7/SMC0_D13/CNT1_DG
PB_10/SINC0_CLK0/SPI0_D2/CAN1_RX/SMC0_AWE/TM0_ACI1
PB_11/SINC0_D0/SPI0_D3/CAN1_TX/SMC0_AMS0/TM0_ACLK1
PB_15/CAN0_RX/SPT1_ATDV/UART1_RX/SMC0_A03/TM0_ACI4
PC_03/SPI0_CLK/PWM2_CH
PC_04/SPI0_MISO/PWM2_CL
PC_05/SPI0_MOSI/PWM2_DH
PC_06/SPI0_SEL1/PWM2_DL/SYS_DSWAKE0
JTG_TRST
JTG_TRST
JTG_TRST
JTG_TDI
JTG_TDI
JTG_TDI
JTG_TMS/SWDIO
JTG_TMS/SWDIO
JTG_TMS/SWDIO
JTG_TCK/SWCLK
JTG_TCK/SWCLK
JTG_TCK/SWCLK
JTG_TDO/SWO
JTG_TDO/SWO
JTG_TDO/SWO
JTAG_BOARD_RESET
JTAG_BOARD_RESET
SYS_HWRST
SYS_HWRST
TWI0_SDA
TWI0_SCL
SYS_CLKOUT
SYS_NMI
PA_07/PWM0_CL/SMC0_AMS2/SPT1_BD1
PA_08/PWM1_CH/SMC0_D00/TM0_ACLK5
PA_09/PWM1_CL/SMC0_D01/TM0_ACLK4
PA_11/PWM1_TRIP0/UART1_CTS/SMC0_D03/TM0_ACLK2
PA_12/PWM1_AH/TM0_TMR4/SMC0_D04
PA_13/PWM1_AL/TM0_TMR5/SMC0_D05
PA_14/PWM1_BH/TM0_TMR6/SMC0_D06
PA_15/PWM1_BL/TM0_TMR3/SMC0_D07
PB_13/SINC0_D2/CNT0_OUTA/SPI0_SEL2/SMC0_A01/TM0_ACLK0/SYS_DSWAKE3
PB_14/SINC0_D3/CNT0_OUTB/SPI0_SEL3/SMC0_A02/SPI0_SS/SYS_DSWAKE2
PC_00/CAN0_TX/SPT1_BTDV/UART1_TX/SMC0_A04
PA_06/PWM0_CH/SPT1_BD0
PA_05/PWM0_BL/SPT1_BFS
PA_04/PWM0_BH/SPT1_BCLK
PA_03/PWM0_AL/SPT1_AD1
PA_02/PWM0_AH/SPT1_AD0
PA_01/PWM0_TRIP0/SPT1_AFS
PA_00/PWM0_SYNC/SPT1_ACLK
SYS_XTAL
SYS_XTAL
SYS_CLKIN
SYS_CLKIN
SYS_CLKIN
SYS_RESOUT
SYS_FAULT
SYS_BMODE1
SYS_BMODE0
PA_10/PWM1_SYNC/SMC0_D02/TM0_ACLK3
PC_07/SINC0_CLK1/UART2_TX/UART1_RTS/SYS_DSWAKE1
PB_06/PWM2_AH/TM0_CLK/SMC0_D14
PB_07/PWM2_AL/TM0_TMR0/SMC0_D15
PB_12/SINC0_D1/UART2_RX/SMC0_AOE/TM0_ACI3
PB_00/PWM0_DH/TRACE_CLK/SPT0_ACLK/SMC0_D08/CNT0_ZM
PB_00/PWM0_DH/TRACE_CLK/SPT0_ACLK/SMC0_D08/CNT0_ZM
JTG_TRST_CONN
JTG_TRST_CONN
JTG_TRST_CONN
JTG_TRST_CONN
PB_01/PWM0_DL/TRACE_D00/SPT0_AFS/SMC0_D09/CNT0_UD
PB_01/PWM0_DL/TRACE_D00/SPT0_AFS/SMC0_D09/CNT0_UD
PB_02/PWM1_DH/TRACE_D01/SPT0_AD0/SMC0_D10/CNT0_DG
PB_02/PWM1_DH/TRACE_D01/SPT0_AD0/SMC0_D10/CNT0_DG
PB_03/PWM1_DL/TRACE_D02/SPT0_AD1/SMC0_D11/CNT1_ZM
PB_03/PWM1_DL/TRACE_D02/SPT0_AD1/SMC0_D11/CNT1_ZM
TRACE_D01/JTG_TRST
TRACE_D01/JTG_TRST
PC_02/UART0_TX/TRACE_D03/SPI0_RDY
PC_02/UART0_TX/TRACE_D03/SPI0_RDY
OPTIONAL DSP CRYSTAL
DSP OSC
pin 7 cut
TRACE AND JTAG/SWD
JTAG/SWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com