Electronic Components Datasheet Search
  English  ▼

X  

SC1544EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1544EVB
Description  ACPI Controller for Advanced Motherboards
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1544EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC1544EVB Datasheet HTML 1Page - Semtech Corporation SC1544EVB Datasheet HTML 2Page - Semtech Corporation SC1544EVB Datasheet HTML 3Page - Semtech Corporation SC1544EVB Datasheet HTML 4Page - Semtech Corporation SC1544EVB Datasheet HTML 5Page - Semtech Corporation SC1544EVB Datasheet HTML 6Page - Semtech Corporation SC1544EVB Datasheet HTML 7Page - Semtech Corporation SC1544EVB Datasheet HTML 8Page - Semtech Corporation SC1544EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1544
PRELIMINARY
Electrical Characteristics (Cont.)(1)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
.
t
n
o
C
(
t
u
p
t
u
O
V
8
.
1
n
o
i
t
a
l
u
g
e
R
e
n
i
L
)
3
(
G
E
R
E
N
I
L
V
B
S
V
5
I
,
V
5
2
.
5
o
t
V
5
7
.
4
=
T
U
O
A
0
=1
0
.
0
0
1
.
0
%
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
3
(
G
E
R
D
A
O
L
V
B
S
V
5
I
,
V
5
=
T
U
O
A
m
0
2
7
o
t
A
0
=1
0
.
0
0
2
.
0
%
e
g
a
t
l
o
V
e
v
i
r
D
8
e
t
a
G
)
4
(
V
)
I
H
(
8
G
V
V
8
.
1
I
,
V
7
.
1
=
8
G
A
µ
0
1
=
0
0
.
8
5
7
.
8V
V
)
O
L
(
8
G
I
,
3
S
8
G
A
µ
0
1
-
=8
.
0
0
.
1
t
n
e
r
r
u
C
e
v
i
r
D
8
e
t
a
G
)
4
(
I
)
E
C
R
U
O
S
(
8
G
V
V
8
.
1
V
,
V
7
.
1
=
8
G
V
5
=
2
4A
m
I
)
K
N
I
S
(
8
G
V
V
8
.
1
V
,
V
9
.
1
=
8
G
V
3
=
5
.
3
-
5
-
t
n
e
r
r
u
C
s
a
i
B
n
i
P
e
s
n
e
SI
V
8
.
1
V
,
g
n
i
k
n
i
S
V
8
.
1
V
8
.
1
=
0
7
-
0
0
1
-
0
3
1
-
A
µ
t
u
p
t
u
O
y
r
o
m
e
M
l
a
u
D
V
3
.
3
/
V
5
.
2
e
g
a
t
l
o
V
t
u
p
t
u
O
)
5
(
V
M
D
V
3
.
3
A
m
1
≤ I
T
U
O
≤
A
m
0
2
75
.
1
-V
)
M
O
N
(
T
U
O
5
.
1
+%
5
.
2
-5
.
2
+
n
o
i
t
a
l
u
g
e
R
e
n
i
L
)
5
(
G
E
R
E
N
I
L
V
B
S
V
5
I
,
V
5
2
.
5
o
t
V
5
7
.
4
=
T
U
O
A
0
=1
0
.
0
0
1
.
0
%
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
5
(
G
E
R
D
A
O
L
V
B
S
V
5
I
,
V
5
=
T
U
O
A
m
0
2
7
o
t
A
0
=1
0
.
0
0
2
.
0
%
e
g
a
t
l
o
V
e
v
i
r
D
5
e
t
a
G
)
6
(
V
)
I
H
(
5
G
V
M
D
V
3
.
3
V
=
)
M
O
N
(
T
U
O
I
,
V
m
0
0
1
-
5
G
0
S
,
A
µ
0
1
=
0
0
.
8
5
7
.
8V
V
)
O
L
(
5
G
I
5
G
3
S
,
A
µ
0
1
-
=8
.
0
0
.
1
t
n
e
r
r
u
C
e
v
i
r
D
5
e
t
a
G
)
6
(
I
)
E
C
R
U
O
S
(
5
G
V
M
D
V
3
.
3
V
=
)
M
O
N
(
T
U
O
V
,
V
m
0
0
1
-
5
G
0
S
,
V
5
=
2
4A
m
I
)
K
N
I
S
(
5
G
V
M
D
V
3
.
3
V
=
)
M
O
N
(
T
U
O
V
,
V
m
0
0
1
+
5
G
0
S
,
V
3
=
5
.
3
-
5
-
e
g
a
t
l
o
V
e
v
i
r
D
6
e
t
a
G
)
7
(
V
)
I
H
(
6
G
V
M
D
V
3
.
3
V
=
)
M
O
N
(
T
U
O
I
,
V
m
0
0
1
-
6
G
3
S
,
A
µ
0
1
=
0
0
.
8
5
7
.
8V
V
)
O
L
(
6
G
I
6
G
0
S
,
A
µ
0
1
-
=8
.
0
0
.
1
t
n
e
r
r
u
C
e
v
i
r
D
6
e
t
a
G
)
7
(
I
)
E
C
R
U
O
S
(
6
G
V
M
D
V
3
.
3
V
=
)
M
O
N
(
T
U
O
V
,
V
m
0
0
1
-
6
G
3
S
,
V
5
=
2
4A
m
I
)
K
N
I
S
(
6
G
V
M
D
V
3
.
3
V
=
)
M
O
N
(
T
U
O
V
,
V
m
0
0
1
+
6
G
3
S
,
V
3
=
5
.
3
-
5
-
t
n
e
r
r
u
C
s
a
i
B
n
i
P
e
s
n
e
SI
M
D
V
3
.
3
V
,
n
o
i
t
p
o
V
3
.
3
,
g
n
i
k
n
i
S
M
D
V
3
.
3
V
3
.
3
=
0
3
3
-
5
7
4
-
0
2
6
-
A
µ
V
,
n
o
i
t
p
o
V
5
.
2
,
g
n
i
k
n
i
S
M
D
V
3
.
3
V
5
.
2
=
5
1
2
-
0
1
3
-
5
0
4
-
t
u
p
t
u
O
l
a
u
D
V
3
.
3
e
g
a
t
l
o
V
t
u
p
t
u
O
)
8
(
V
D
V
3
.
3
A
m
1
≤ I
T
U
O
≤
A
m
0
2
70
5
2
.
30
0
3
.
30
5
3
.
3V
7
1
2
.
33
8
3
.
3
n
o
i
t
a
l
u
g
e
R
e
n
i
L
)
8
(
G
E
R
E
N
I
L
V
B
S
V
5
I
,
V
5
2
.
5
o
t
V
5
7
.
4
=
T
U
O
A
0
=1
0
.
0
0
1
.
0
%
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
8
(
G
E
R
D
A
O
L
V
B
S
V
5
I
,
V
5
=
T
U
O
A
m
0
2
7
o
t
A
0
=1
0
.
0
0
2
.
0
%
Unless specified: all applicable silver box supplies (3.3V, 5V, 5VSB) ± 5%, GND = 0V, V
SENSE PINS = VOUT(NOM), TA = 25°C. Values in bold apply over full
operating ambient temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com