Electronic Components Datasheet Search
  English  ▼

X  

IQRB-2 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQRB-2
Description  Rubidium Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQRB-2 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQRB-2 Datasheet HTML 1Page - IQD Frequency Products Ltd IQRB-2 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IQRB-2
Rubidium Oscillator
Output Details
Output Compatability
Sine
Drive Capability
50Ω
Output Levels: 5dBm to 9dBm
Output Connector Type: SMA
Rx and Tx connections for RS232 communication of the status
of the oscillator.
Noise Parameters
Phase Noise (typ):
-112dBc/Hz @ 1Hz
-138dBc/Hz @ 10Hz
-152dBc/Hz @ 100Hz
-155dBc/Hz @ 1kHz
-158dBc/Hz @ 10kHz
Harmonics: -30dBc max
Spurious Level: 80dBc max
Environmental Parameters
Shock: IE68‐2‐27 Test Ea 50G for 11ms
Vibration: IE68‐2‐06 Test Fc 10‐55Hz, 1.5mm 55‐500Hz,
10G
Atmospheric Pressure:: 1x10^-13/mbar max
Humidity (non-condensing): 90%
Storage Temperature Range: -40 to 85°C
Manufacturing Details
MTBF (Stationary): Approx 100000hrs
Note: Not suitable for reflow soldering.
Compliance
Compliant
RoHS Status (2011/65/EU)
Non-Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Bulk pack
Pack Style: Bulk
Pack Size: 1
Electrical Specification - maximum limiting values 12.00V
Frequency
Temperature Range
Stability
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppb
mA
ns
%
-20 to 65
10.0MHz
±0.30
-
-
-
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 18 Jan 17 12:07 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com