Electronic Components Datasheet Search
  English  ▼

X  

AD7791 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7791
Description  Devices Connected
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7791 Datasheet(HTML) 3 Page - Analog Devices

  AD7791 Datasheet HTML 1Page - Analog Devices AD7791 Datasheet HTML 2Page - Analog Devices AD7791 Datasheet HTML 3Page - Analog Devices AD7791 Datasheet HTML 4Page - Analog Devices AD7791 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Circuit Note
CN-0216
Rev. 0 | Page 3 of 5
100
10
1
0.1
1
10
100
OUTPUT DATA RATE (Hz)
1000
Figure 3. AD7791 RMS Noise for Different Output Data Rates and a 2.5 V
Reference (5 V p-p Input Range), Buffer On
The AD7791 rms noise of 1.1 µV for a 9.5 Hz output data rate
and a reference of 2.5 V yields the following number of noise-
free counts:
705
,
688
V
μ
1
.
1
6
.
6
V
5
=
×
where the factor of 6.6 converts the rms voltage into a peak-to-
peak voltage.
The corresponding noise-free code resolution is, therefore:
(
)
(
)
( )
bits
5
.
19
2
log
705
,
688
log
705
,
688
log
10
10
2
=
=
Note that this represents the performance of the AD7791
without the load cell or the input amplifier connected.
The ADA4528-1 has 5.9 nV/√Hz of voltage noise density and,
therefore, the input amplifiers and resistors will add noise to the
system. In addition, the load cell itself will add noise.
In the circuit of Figure 1, a 5 V reference is used, therefore, the
peak-to-peak input range is 10 V. The LSB is, therefore, equal to
μV
596
.
0
2
V
10
LSB
1
24 =
=
The 10 mV p-p full-scale signal from the load cell produces a
3.75 V p-p signal into the ADC, which is approximately 38% of
the ADC range.
Seven sets of 500 samples each were taken with the load cell
connected (no load). The peak-to-peak code spread for each
sample set was calculated, and the seven values averaged to
yield a code spread of 159 counts. This corresponds to 159 ×
0.596 µV = 94.8 µV p-p noise based on a full-scale input to the
ADC of 3.75 V p-p.
Therefore, the number of noise-free counts is
557
,
39
V
μ
8
.
94
V
3.75
=
Therefore, the corresponding noise-free code resolution of the
total system is:
(
)
(
)
( )
bits
3
.
15
2
log
557
,
39
log
557
,
39
log
10
10
2
=
=
Figure 4 shows a plot of the ADC codes for 500 samples
(52.6 sec for 9.5 Hz data rate). Note that the peak-to-peak
spread is about 160 codes.
Figure 4. Measured Output Code for 500 Samples Showing
the Effects of Noise
Figure 5 shows the same data presented in a histogram. Figure 4
and Figure 5 show the actual (raw) conversions read back from
the AD7791. In practice, a digital post filter is typically used in a
weigh scale system. The additional averaging that is performed
in the post filter will further improve the number of noise-free
counts at the expense of a reduced data rate.
The resolution of the system in grams can be calculated by
g
05
.
0
557
,
39
kg
2
=
As with any high accuracy circuit, proper layout, grounding,
and decoupling techniques must be employed. See Tutorial
MT-031, Grounding Data Converters and Solving the Mystery of
AGND and DGND and Tutorial MT-101, Decoupling Techniques
for more details. A complete design support package for this
circuit note can be found at www.analog.com/CN0216-
DesignSupport.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com