Electronic Components Datasheet Search
  English  ▼

X  

ADP3301 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3301
Description  Devices Connected
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3301 Datasheet(HTML) 1 Page - Analog Devices

  ADP3301 Datasheet HTML 1Page - Analog Devices ADP3301 Datasheet HTML 2Page - Analog Devices ADP3301 Datasheet HTML 3Page - Analog Devices ADP3301 Datasheet HTML 4Page - Analog Devices ADP3301 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0216
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport,visitwww.analog.com/CN0216.
Devices Connected/Referenced
AD7791
Low Power, Buffered, 24-Bit Sigma-Delta
ADC
ADA4528-1
Precision, Ultralow Noise, Rail-to-Rail
Input/Output, Zero-Drift Op Amp
ADP3301
High Accuracy anyCAP® 100 mA Low
Dropout Linear Regulator
Precision Weigh Scale Design Using the AD7791 24-Bit Sigma-Delta ADC
with External ADA4528-1 Zero-Drift Amplifiers
Rev. 0
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0216 Circuit Evaluation Board (EVAL-CN0216-SDPZ)
System Demonstration Platform (EVAL-SDP-CB1Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit in Figure 1 is a precision weigh scale signal
conditioning system. It uses the AD7791, a low power buffered
24-bit sigma-delta ADC along with two external ADA4528-1
zero-drift amplifiers. This solution allows for high dc gain with
a single supply.
Ultralow noise, low offset voltage, and low drift amplifiers are
used at the front end for amplification of the low-level signal
from the load cell. The circuit yields 15.3 bit noise-free code
resolution for a load cell with a full-scale output of 10 mV.
This circuit allows great flexibility in designing a custom low-
level signal conditioning front end that gives the user the ability
to easily optimize the overall transfer function of the combined
sensor-amplifier-converter circuit. The AD7791 maintains good
performance over the complete output data range, from 9.5 Hz
to 120 Hz, which allows it to be used in weigh scale applications
that operate at various low speeds.
33Ω
+5.0V
+5.0V
R2 1
1.3kΩ
R3 1kΩ
R4 1kΩ
R1 1
1.3kΩ
RG
60.4Ω
C2 3.3µF
C1 3.3µF
100pF
REFIN(+)
VDD
DIN
DOUT/RDY
SCLK
CS
REFIN(–)
AIN(+)
AIN(–)
GND
1µF
0.1µF
10µF
1µF
1µF
10µF
100pF
C3
C4
C5
+5.0V
ADA4528-1
AD7791
SDP BOARD
AND
SUPPORT CIRCUITS
ADA4528-1
ADP3301-5.0
SENSE+
SENSE–
OUT–
10µF
IN
IN
SD
OUT
OUT
NR
ERR
GND
0.1µF
0.1µF
4.7µF
5.0V
OUT+
LOAD CELL:
TEDEA HUNTLEIGH
505H-0002-F070
33Ω
33Ω
33Ω
+5.0V
VIN
Figure 1. Weigh Scale System Using the AD7791 (Simplified Schematic, All Connections and Decoupling Not Shown)


Similar Part No. - ADP3301

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV.A
ADP3301 AD-ADP3301 Datasheet
135Kb / 8P
High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV.A
ADP3301 AD-ADP3301 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301 AD-ADP3301 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results

Similar Description - ADP3301

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN0221 AD-CN0221 Datasheet
418Kb / 5P
Devices Connected
Rev. C
CN0253 AD-CN0253 Datasheet
135Kb / 4P
Devices Connected
Rev. A
CN0267 AD-CN0267 Datasheet
336Kb / 8P
Devices Connected
Rev. B
CN0269 AD-CN0269 Datasheet
1Mb / 12P
Devices Connected
Rev. 0
CN0287 AD-CN0287 Datasheet
476Kb / 9P
Devices Connected
Rev. C
CN0326 AD-CN0326 Datasheet
519Kb / 7P
Devices Connected
Rev. 0
CN0336 AD-CN0336 Datasheet
301Kb / 7P
Devices Connected
Rev. A
CN0357 AD-CN0357 Datasheet
223Kb / 5P
Devices Connected
Rev. 0
CN0385 AD-CN0385 Datasheet
532Kb / 13P
Devices Connected
Rev. 0
CN0388 AD-CN0388 Datasheet
503Kb / 5P
Devices Connected
Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com