Electronic Components Datasheet Search
  English  ▼

X  

AD8475 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8475
Description  Devices Connected
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 3 Page - Analog Devices

  AD8475 Datasheet HTML 1Page - Analog Devices AD8475 Datasheet HTML 2Page - Analog Devices AD8475 Datasheet HTML 3Page - Analog Devices AD8475 Datasheet HTML 4Page - Analog Devices AD8475 Datasheet HTML 5Page - Analog Devices AD8475 Datasheet HTML 6Page - Analog Devices AD8475 Datasheet HTML 7Page - Analog Devices AD8475 Datasheet HTML 8Page - Analog Devices AD8475 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Circuit Note
CN-0269
Rev. 0 | Page 3 of 12
Digital Delay
In the circuit shown in Figure 1, the ADC and multiplexer are
both triggered by the rising edge of CNV signal from digital
controller. At this point, the SAR ADC has completed the
acquisition of the sample and starts the conversion cycle.
Ideally, the signal chain has one full sampling period to settle to
the next channel, but there are delays in the digital circuits that
decrease the available settling time. In Figure 2, tDD is the sum of
the delay through the NAND gate and the counter CLK-to-
OUT delay. This digital delay can be found from the data sheet
of each component, and is approximately 8 ns total.
The time shown as tMD in Figure 2 is the delay through the two
stage multiplexer measured from the 50% point of the digital
input to the point that the analog output signal starts to settle.
Since the ADG5208 and ADG5236 are switched simultaneously
in this circuit, the tMD marked in Figure 2 is equal to the delay
generated by the slower one, which is the ADG5208.
The transition time delay of multiplexer is easy to find in the
data sheet. However, the transition delay on the data sheet is the
delay time between the 50% of the digital input and the 90%
point of the digital output as shown in Figure 3.
So tMD is calculated using the equation:
tMD = tTRANSITION − tSETTLE (90%)
(1)
The maximum settling time left for analog signal chain at a
sampling rate of
��������canbeestimatedbytheequation:
tSETTLE(fs) = 1/fS – tDD − tMD
(2)
A good first order approximation for estimating multiplexer
settling time is to treat the multiplexer in the on state as a
simple RC circuit with time constant of RON × CD.
The time for switch to settle to within a % error can be
calculated by the equation below. See the AN-1024 Application
Note, “How to Calculate the Settling Time and Sampling Rate of
a Multiplexer” for more details.
The test circuit for measuring the transition delay with a load of
300 Ω||35 pF is shown in Figure 3. Under this test configuration,
the settling time can be estimated by Equation 3.
(
)
L
D
L
ON
L
ON
SETTLE
C
C
R
R
R
R
error
t
+
+


=
100
%
ln
–
(3)
Figure 3. ADG5208 Transition Delay Test Circuit
3V
0V
OUTPUT
ADDRESS
DRIVE (VIN)
tTRANSITION
tTRANSITION
50%
50%
90%
90%
OUTPUT
ADG5208
A0
A1
A2
50
Ω
300Ω
GND
S1
S2 TO S7
S8
D
35pF
VIN
2.0V
EN
VDD
VSS
VSS
VDD
VS1
VS8
tMD
tr < 20ns
tf < 20ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com