Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8065
Description  Devices Connected
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 4 Page - Analog Devices

  AD8065 Datasheet HTML 1Page - Analog Devices AD8065 Datasheet HTML 2Page - Analog Devices AD8065 Datasheet HTML 3Page - Analog Devices AD8065 Datasheet HTML 4Page - Analog Devices AD8065 Datasheet HTML 5Page - Analog Devices AD8065 Datasheet HTML 6Page - Analog Devices AD8065 Datasheet HTML 7Page - Analog Devices AD8065 Datasheet HTML 8Page - Analog Devices AD8065 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CN-0269
Circuit Note
Rev. 0 | Page 4 of 12
For the ADG5208, RON is 160 Ω, and CD is 52 pF. The transition
delay of ADG5208 is 160 ns. So, the 90% settling time of the
ADG5208 is
(
)(
)
ns
21
pF
35
pF
52
160
100
10
ln
–
%)
90
(
=
+
Ω


=
300
||
SETTLE
t
From Equation 1,
tMD = tTRANSITION – tSETTLE(90%) = 160 ns – 21 ns = 139 ns
Therefore, under this circuit configuration with the ADG5208
and the ADG5236, the total extra time delay due to the digital
circuits is
tDD + tMD = 8 ns + 139 ns = 147 ns
Actually, this digital delay of 147 ns due to the digital control
circuit and part of the transition delay from multiplexer can be
compensated by delaying the rising edge of the convert signal
with respect to the multiplexer update signal by an amount of
time equal to tDD + tMD. However, both tDD and tMD are a function
of temperature, power supply voltage, and normal variations
from part to part. The time margin must be enough to account
for the variation and drift. For example, under this configuration
with 147 ns digital delay, switching the multiplexer 100 ns to
120 ns ahead of the ADC convert signal (tAHEAD) increases the
available settling time by the same amount.
The optimized timing is shown in Figure 4, but was not
implemented in the actual circuit in order to minimize
complexity.
Figure 4. Optimized Timing of Multichannel Data Acquisition Circuit
MUX CTRL
[0000]
[0001]
TO CH0
SETTLING TO CH1
CONVERSION
tCONV
tAHEAD
tACQ
ACQUISITION
tS
tMD
tDD
tSETTLE
CNV
STATUS
[CH3:CH0]
VOUT_SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com