Electronic Components Datasheet Search
  English  ▼

X  

ADG702 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG702
Description  Devices Connected
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG702 Datasheet(HTML) 1 Page - Analog Devices

  ADG702 Datasheet HTML 1Page - Analog Devices ADG702 Datasheet HTML 2Page - Analog Devices ADG702 Datasheet HTML 3Page - Analog Devices ADG702 Datasheet HTML 4Page - Analog Devices ADG702 Datasheet HTML 5Page - Analog Devices ADG702 Datasheet HTML 6Page - Analog Devices ADG702 Datasheet HTML 7Page - Analog Devices ADG702 Datasheet HTML 8Page - Analog Devices ADG702 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Circuit Note
CN-0287
Circuits from the Lab® reference designs are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport, visitwww.analog.com/CN0287.
Devices Connected/Referenced
AD7193
4-Channel, 4.8 kHz, Ultralow Noise,
24-Bit Sigma-Delta ADC with PGA
ADT7310
±0.5°C Accurate, 16-Bit Digital SPI
Temperature Sensor
AD8603
Precision Micropower, Low Noise
CMOS R-to-R Input/Output
Operational Amplifiers
ADR3440
4.096 V, Micropower High Accuracy
Voltage Reference
ADG738
CMOS, Low Voltage, 3-Wire Serially-
Controlled, Matrix Switch
ADG702
CMOS Low Voltage 2 Ω SPST Switch
AD5201
33-Position Digital Potentiometer
ADuM1280
3 kV RMS Dual Channel Digital
Isolators
ADuM5401
Quad-Channel, 2.5 kV Isolators with
Integrated DC-to-DC Converter
Isolated 4-Channel, Thermocouple/RTD Temperature Measurement
System with 0.5°C Accuracy
Rev. C
CircuitsfromtheLab®referencedesignsfromAnalogDeviceshavebeendesignedandbuiltbyAnalog
Devices engineers. Standard engineering practices have been employed in the design and
constructionofeachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalab
environment at room temperature. However, you are solely responsible for testing the circuit and
determiningitssuitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshall
AnalogDevicesbeliablefordirect,indirect,special,incidental,consequentialorpunitivedamagesdue
toanycausewhatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2013–2014 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0287 Circuit Evaluation Board (EVAL-CN0287-SDPZ)
System Demonstration Platform (EVAL-SDP-CB1Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit shown in Figure 1 is a completely isolated 4-channel
temperature measurement circuit optimized for performance,
input flexibility, robustness, and low cost. It supports all types of
thermocouples with cold junction compensation and any type
of RTD (resistance temperature detector) with resistances up to
4 kΩ for 2-, 3-, or 4-wire connection configurations.
The RTD excitation current are is programmable for optimum
noise and linearity performance.
RTD measurements achieve 0.1°C accuracy (typical), and
Type-K thermocouple measurements achieve 0.05°C typical
accuracy because of the 16-bit ADT7310 digital temperature
sensor used for cold-junction compensation. The circuit uses a
four-channel AD7193 24-bit sigma-delta ADC with on-chip
PGA for high accuracy and low noise.
Input transient and overvoltage protection are provided by low
leakage transient voltage supressors (TVS) and Schottky diodes.
The SPI-compatible digital inputs and outputs are isolated
(2500 V rms), and the circuit is operated on a fully isolated
power supply.


Similar Part No. - ADG702

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG702 AD-ADG702 Datasheet
108Kb / 8P
CMOS Low Voltage 2ohm SPST Switches
REV.A
ADG702 AD-ADG702 Datasheet
271Kb / 12P
CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG702BRJ-500RL7 AD-ADG702BRJ-500RL7 Datasheet
271Kb / 12P
CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG702BRJ-500RL7 AD-ADG702BRJ-500RL7 Datasheet
271Kb / 12P
CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG702BRJ-REEL AD-ADG702BRJ-REEL Datasheet
271Kb / 12P
CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Similar Description - ADG702

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN0216 AD-CN0216 Datasheet
603Kb / 5P
Devices Connected
Rev. 0
CN0221 AD-CN0221 Datasheet
418Kb / 5P
Devices Connected
Rev. C
CN0253 AD-CN0253 Datasheet
135Kb / 4P
Devices Connected
Rev. A
CN0267 AD-CN0267 Datasheet
336Kb / 8P
Devices Connected
Rev. B
CN0269 AD-CN0269 Datasheet
1Mb / 12P
Devices Connected
Rev. 0
CN0326 AD-CN0326 Datasheet
519Kb / 7P
Devices Connected
Rev. 0
CN0336 AD-CN0336 Datasheet
301Kb / 7P
Devices Connected
Rev. A
CN0357 AD-CN0357 Datasheet
223Kb / 5P
Devices Connected
Rev. 0
CN0385 AD-CN0385 Datasheet
532Kb / 13P
Devices Connected
Rev. 0
CN0388 AD-CN0388 Datasheet
503Kb / 5P
Devices Connected
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com