Electronic Components Datasheet Search
  English  ▼

X  

AD7790 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7790
Description  Devices Connected
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7790 Datasheet(HTML) 1 Page - Analog Devices

  AD7790 Datasheet HTML 1Page - Analog Devices AD7790 Datasheet HTML 2Page - Analog Devices AD7790 Datasheet HTML 3Page - Analog Devices AD7790 Datasheet HTML 4Page - Analog Devices AD7790 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0357
Circuits from the Lab® reference designs are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport,visit www.analog.com/CN0357.
Devices Connected/Referenced
ADA4528-2
5.0 V, Ultralow Noise, Zero Drift, RRIO,
Dual Op Amp
AD5270-20
1024-Position,1% Resistor Tolerance Error,
50-TP Memory Digital Rheostat
ADR3412
Micropower, 0.1% Accurate,1.2 Voltage
Reference
AD8500
Micropower, RRIO, Op Amp
AD7790
Low Power, 16-Bit Sigma-Delta, ADC
Low Noise, Single-Supply, Toxic Gas Detector, Using an Electrochemical Sensor with
Programmable Gain TIA for Rapid Prototyping
Rev. 0
CircuitsfromtheLab®referencedesignsfromAnalogDeviceshavebeendesignedandbuiltbyAnalog
Devices engineers. Standard engineering practices have been employed in the design and
constructionofeachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalab
environment at room temperature. However, you are solely responsible for testing the circuit and
determiningitssuitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshall
AnalogDevicesbeliablefordirect,indirect,special,incidental,consequentialorpunitivedamagesdue
toanycausewhatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2014 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0357 Circuit Evaluation Board (EVAL-CN0357-PMDZ)
SDP to Pmod Interposer Board (PMD-SDP-IB1Z)
System Demonstration Platform (EVAL-SDP-CB1Z)
Design and Integration Files
Schematics, Layout Files, and Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit shown in Figure 1 is a single-supply, low noise,
portable gas detector, using an electrochemical sensor. The
Alphasense CO-AX carbon monoxide sensor is used in this
example.
Electrochemical sensors offer several advantages for
instruments that detect or measure the concentration of many
toxic gases. Most sensors are gas specific and have usable
resolutions under one part per million (ppm) of gas
concentration.
The circuit shown in Figure 1 uses the ADA4528-2, dual auto
zero amplifier, which has a maximum offset voltage of 2.5 µV at
room temperature and an industry leading 5.6 µV/√Hz of
voltage noise density. In addition, the AD5270-20 programmable
rheostat is used rather than a fixed transimpedance resistor,
allowing for rapid prototyping of different gas sensor systems,
without changing the bill of materials.
The ADR3412 precision, low noise, micropower reference
establishes the 1.2 V common-mode, pseudo ground reference
voltage with 0.1% accuracy and 8 ppm/°C drift.
For applications where measuring fractions of ppm gas
concentration is important, using the ADA4528-2 and the
ADR3412 makes the circuit performance suitable for interfacing
with a 16-bit ADC, such as the AD7790.
3.3V
AIN1(+)
AIN1(–)
VIN VOUT
REF(+)
VDD
REF(–)
GND
DOUT/RDY
DIN
SCLK
CS
AD7790
TO
PROCESSOR
1.2V
C9
10µF
R8
100kΩ
R10
3.3kΩ
R9
3.3kΩ
U3-B
AD5270-20
R2
33Ω
3.3V
R1
1MΩ
R6
12.4kΩ
R5
12.4kΩ
R3
12.4kΩ
R4
12.4kΩ
G
D
Q1
MMBFJ270
S
C2
0.02µF
W
A
C4
0.02µF
C3
0.02µF
C8
0.1µF
C10
0.1µF
1.2V
GND
VREF
CE
RE
WE
U1
U8
CO-AX
AGND
U2-B
ADA4528-2
U5
AD8500
U2-A
ADA4528-2
U4
ADR3412
AVCC
C14
5.6nF
R12
150Ω
AGND
AVCC
Figure 1. Low Noise Gas Detector Circuit (Simplified Schematic: all Connections and Decoupling not Shown)


Similar Part No. - AD7790

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7790 AD-AD7790 Datasheet
299Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
466Kb / 21P
Low Power, 16-Bit Buffered Sigma-Delta ADC
A
AD7790B AD-AD7790B Datasheet
299Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7790BRM AD-AD7790BRM Datasheet
299Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7790BRM AD-AD7790BRM Datasheet
415Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
More results

Similar Description - AD7790

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN0216 AD-CN0216 Datasheet
603Kb / 5P
Devices Connected
Rev. 0
CN0221 AD-CN0221 Datasheet
418Kb / 5P
Devices Connected
Rev. C
CN0253 AD-CN0253 Datasheet
135Kb / 4P
Devices Connected
Rev. A
CN0267 AD-CN0267 Datasheet
336Kb / 8P
Devices Connected
Rev. B
CN0269 AD-CN0269 Datasheet
1Mb / 12P
Devices Connected
Rev. 0
CN0287 AD-CN0287 Datasheet
476Kb / 9P
Devices Connected
Rev. C
CN0326 AD-CN0326 Datasheet
519Kb / 7P
Devices Connected
Rev. 0
CN0336 AD-CN0336 Datasheet
301Kb / 7P
Devices Connected
Rev. A
CN0385 AD-CN0385 Datasheet
532Kb / 13P
Devices Connected
Rev. 0
CN0388 AD-CN0388 Datasheet
503Kb / 5P
Devices Connected
Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com