Electronic Components Datasheet Search
  English  ▼

X  

LM77 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM77
Description  9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM77 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM77 Datasheet HTML 6Page - National Semiconductor (TI) LM77 Datasheet HTML 7Page - National Semiconductor (TI) LM77 Datasheet HTML 8Page - National Semiconductor (TI) LM77 Datasheet HTML 9Page - National Semiconductor (TI) LM77 Datasheet HTML 10Page - National Semiconductor (TI) LM77 Datasheet HTML 11Page - National Semiconductor (TI) LM77 Datasheet HTML 12Page - National Semiconductor (TI) LM77 Datasheet HTML 13Page - National Semiconductor (TI) LM77 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
1.0 Functional Description (Continued)
1.8 INTERNAL REGISTER STRUCTURE
There are four data registers in the LM77, selected by the
Pointer register. At power-up the Pointer is set to “00”; the
location for the Temperature Register. The Pointer register
latches the last location it was set to. In Interrupt Mode, a
read from the LM77 resets the INT output. Placing the device
in Shutdown mode resets the INT and T_CRIT_A outputs. All
registers are read and write, except the Temperature register
which is read only.
A write to the LM77 will always include the address byte and
the Pointer byte. A write to the Configuration register re-
quires one data byte, while the T
LOW,THIGH, and T_CRIT
registers require two data bytes.
Reading the LM77 can take place either of two ways: If the
location latched in the Pointer is correct (most of the time it is
expected that the Pointer will point to the Temperature reg-
ister because it will be the data most frequently read from the
LM77), then the read can simply consist of an address byte,
followed by retrieving the corresponding number of data
bytes. If the Pointer needs to be set, then an address byte,
pointer byte, repeat start, and another address byte plus
required number of data bytes will accomplish a read.
The first data byte is the most significant byte with most
significant bit first, permitting only as much data as neces-
sary to be read to determine the temperature condition. For
instance, if the first four bits of the temperature data indi-
cates a critical condition, the host processor could immedi-
ately take action to remedy the excessive temperature. At
the end of a read, the LM77 can accept either Acknowledge
or No Acknowledge from the Master (No Acknowledge is
typically used as a signal for the slave that the Master has
read its last byte).
An inadvertent 8-bit read from a 16-bit register, with the D7
bit low, can cause the LM77 to stop in a state where the SDA
line is held low as shown in
Figure 4. This can prevent any
further bus communication until at least 9 additional clock
cycles have occurred. Alternatively, the master can issue
clock cycles until SDA goes high, at which time issuing a
“Stop” condition will reset the LM77.
DS100136-7
DS100136-8
FIGURE 4. Inadvertent 8-Bit Read from 16-Bit Register where D7 is Zero (“0”)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com