Electronic Components Datasheet Search
  English  ▼

X  

AS80C154-L16 Datasheet(PDF) 21 Page - TEMIC Semiconductors

Part # AS80C154-L16
Description  CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

AS80C154-L16 Datasheet(HTML) 21 Page - TEMIC Semiconductors

Back Button AS80C154-L16 Datasheet HTML 16Page - TEMIC Semiconductors AS80C154-L16 Datasheet HTML 17Page - TEMIC Semiconductors AS80C154-L16 Datasheet HTML 18Page - TEMIC Semiconductors AS80C154-L16 Datasheet HTML 19Page - TEMIC Semiconductors AS80C154-L16 Datasheet HTML 20Page - TEMIC Semiconductors AS80C154-L16 Datasheet HTML 21Page - TEMIC Semiconductors AS80C154-L16 Datasheet HTML 22Page - TEMIC Semiconductors AS80C154-L16 Datasheet HTML 23Page - TEMIC Semiconductors AS80C154-L16 Datasheet HTML 24Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
80C154/83C154
Rev.F (14 Jan. 97)
21
MATRA MHS
Serial Port Timing – Shift Register Mode
16 MHz
20 MHz
25 MHz
30 MHz
36 MHz
SYMBOL
PARAMETER
MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX
TXLXL
Serial Port Clock Cycle Time
750
600
480
400
330
TQVXH
Output Data Setup to Clock Rising
Edge
563
480
380
300
220
TXHQX
Output Data Hold after Clock Rising
Edge
63
90
65
50
45
TXHDX
Input Data Hold after Clock Rising
Edge
0
0
0
0
0
TXHDV
Clock Rising Edge to Input Data Valid
563
450
350
300
250
Shift Register Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com