Electronic Components Datasheet Search
  English  ▼

X  

SSD1815 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # SSD1815
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button SSD1815 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
SSD1815
24
REV 1.5
03/2000
SOLOMON
SSD1815 IC
( DIE FACE UP)
SEG0 --------------------------------------------- SEG131
ICONS
COM0
:
COM10
COM11
:
COM30
COM31
COM32
COM33
:
:
:
COM63
ICONS
ICONS
COM0
COM6
COM7
:
:
COM32
COM33
COM34
:
:
:
:
:
SEG131 --------------------------------------------------------------------------------------------------------------------------------SEG0
DISPLAY PANEL SIZE
132 x 64 + 2 X ICON LINES
:
64 MUX
Segment Remapped
[Command: A1]
:
COM4
COM5
External Vneg=-9.5V
COM18
COM19
Remapped COM
SCAN Direction
[Command: C8]
:
:
:
COM51
COM52
Remapped COM
SCAN Direction
[Command: C8]
Figure 12 - Application Circuit: External VEE with internal regulator and divider mode [Command: 2B] in 64 Mux.
VDD VL2 VL3 VL4 VL5
VDD=2.75V
Optional for External
Resistors Gain Control
[IRS pulled to GND]
0.1~0.47uF x 5
R1
R2
VL6
VF
Logic pin connections not specified above:
Pins connected to VDD: CS2, RD, M/S, CLS, C68/80, P/S, HPM
Pins connected to VSS: VSS1
Pins floating: DOF, CL, VFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com