Electronic Components Datasheet Search
  English  ▼

X  

SSD1815Z Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # SSD1815Z
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815Z Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button SSD1815Z Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
SOLOMON
SSD1815
15
REV 1.5
03/2000
EXTENDED COMMAND TABLE
Note: Patterns other than that given in Command Table and Extended Command Table are prohibited to enter to the chip
as a command. Otherwise, unexpected result will occurs.
Bit Pattern
Read Command
(D/C=0, R/W(WR)=1, E(RD)=0)
Comment
D7D6D5D4D3D2D1D0
(Data Read Back from the
driver)
Status Register Read
D7=0: indicates an internal operation is completed.
D7=1: indicates an internal operation is in progress.
D6=0: indicates reverse segment mapping with column address
D6=1: indicates normal segment mapping with column address
D5=0: indicates the display is ON
D5=1: indicates the display is OFF
D4=0: initialization is not in progress
D4=1: initialization is in progress after RES or software reset
D3D2D1D0 = 1010, these 4-bit is fixed to 1010 which could be used
to identify as Solomon Systech Device.
Bit Pattern
Command
Comment
10101000
00X5X4X3X2X1X0
X5X4X3X2X1X0: Set Multiplex Ratio
To select multiplex ratio N from 2 to 65 [Included Icon Line].
N = X5X4X3X2X1X0 + 2, eg. N = 111111b + 2 = 65 (POR)
10101001
X7X6X5X4X3X2X1X0
X1X0: Set Bias Ratio
X4X3X2: Set TC Value
X7X6X5: Modify Osc. Freq.
X1X0 = 00: 1/8, 1/6
X1X0 = 01: 1/6, 1/5
X1X0 = 10: 1/9, 1/7 (POR)
X1X0 = 11: Prohibited
X4X3X2 = 000: -0.01%/C (TC0, POR)
X4X3X2 = 010: -0.10%/C (TC2)
X4X3X2 = 100: -0.18%/C (TC4)
X4X3X2 = 111: -0.25%/C (TC7)
X4X3X2 = 001, 011, 101, 110: Reserved
Increase the value of X7X6X5 will increase the oscillator frequency
and vice versa. This command is not recommended to be used.
X7X6X5 = 011(POR)
1010101X0
X0: Set 1/4 Bias Ratio
X0 = 0: use Normal Setting (POR)
X0 = 1: fixed at 1/4 Bias
11010010
0X6X500010
X6X5: Set Total Frame Phases
The On/Off of the Static Icon is given by 3 phases/1 phase overlap-
ping of the M and MSTAT signals. This command set how many
phases of dividing the M/MSTAT signals for each frame.
The more the phases, the less the overlapping and thus the lower
the effective driving voltage.
X6X5 = 00: 3 phases
X6X5 = 01: 5 phases
X6X5 = 10: 7 phases (POR)
X6X5 = 11: 16 phases
11010011
00X5X4X3X2X1X0
X5X4X3X2X1X0: Set Display Offset
(for mux ratio has been
set less than 64 only)
After POR, X5X4X3X2X1X0 = 0
After setting mux ratio less than 64, data will be displayed at Center
of matrix. See Table 1.
To move display towards Row 0 by L, X5X4X3X2X1X0 = L
To move display away from Row 0 by L, X5X4X3X2X1X0 = 64-L
Note: max. value of L = (64 - display mux)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com