Electronic Components Datasheet Search
  English  ▼

X  

SSD1815TR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSD1815TR
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815TR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSD1815TR Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1815TR Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1815TR Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1815TR Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1815TR Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1815TR Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1815TR Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1815TR Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815TR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Copyright © 2000 SolomonGroup
REV 1.5
03/2000
This document contains information on a new product. Specifications and information herein are subject to change without notice.
SSD1815
ORDERING INFORMATION
SSD1815Z
Gold Bump Die
SSD1815TR
TAB
SSD1815T1R
TAB
SSD1815T2R
TAB
SSD1815T3R
TAB
Gold Bump Die
TAB
SOLOMON SYSTECH
SEMICONDUCTOR TECHNICAL DATA
Advanced Information
LCD Segment / Common Driver
with Controller
CMOS
SSD1815 is a single-chip CMOS LCD driver with controller for liquid crystal dot-
matrix graphic display system. It consists of 197 high voltage driving output pins for
driving 132 Segments, 64 Commons and 1 icon driving-Common.
SSD1815 displays data directly from its internal 132 X 65 bits Graphic Display
Data RAM (GDDRAM). Data/Commands are sent from general MCU through a soft-
ware selectable 6800-/8080-series compatible Parallel Interface or Serial Peripheral
Interface.
SSD1815 embeds a DC-DC Converter, an On-Chip Bias Divider and an On-Chip
Oscillator which reduce the number of external components. With the special design
on minimizing power consumption and die/package layout, SSD1815 is suitable for
any portable battery-driven applications requiring a long operation period and a com-
pact size.
•
Single Supply Operation, 1.8 V - 3.5V
•
Minimum -12.0V LCD Driving Output Voltage
•
Low Current Sleep Mode
•
On-Chip Voltage Generator / External Power Supply
•
2X / 3X / 4X On-Chip DC-DC Converter
•
On-Chip Oscillator
•
Programmable Multiplex ratio (2Mux ~ 65Mux)
•
On-Chip Bias Divider
•
Programmable bias ratio
•
8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface and Serial
Peripheral Interface
•
On-Chip 132 X 65 Graphic Display Data RAM
•
Re-mapping of Row and Column Drivers
•
Vertical Scrolling
•
Display Offset Control
•
64 Level Internal Contrast Control
•
External Contrast Control
•
Programmable LCD Driving Voltage Temperature Coefficients
•
Available in Gold Bump Die and TAB (Tape Automated Bonding) Package


Similar Part No. - SSD1815TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BT ETC1-SSD1815BT Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BT2 ETC1-SSD1815BT2 Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BZ ETC1-SSD1815BZ Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
More results

Similar Description - SSD1815TR

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
SEMICONDUCTOR TECHNICAL DATA
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com