Electronic Components Datasheet Search
  English  ▼

X  

SSD1815T1R Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # SSD1815T1R
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815T1R Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button SSD1815T1R Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1815T1R Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1815T1R Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1815T1R Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1815T1R Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1815T1R Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1815T1R Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1815T1R Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1815T1R Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
SOLOMON
SSD1815
23
REV 1.5
03/2000
TABLE 5. Serial Interface Timing Characteristics (VDD - VSS = 2.4 to 3.5V, TA = -30 to 85°C)
Figure 11 - Serial Interface Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
250
-
-
ns
tAS
Address Setup Time
150
-
-
ns
tAH
Address Hold Time
150
-
-
ns
tCSS
Chip Select Setup Time (for D7 input)
120
-
-
ns
tCSH
Chip Select Hold Time (for D0 input)
60
-
-
ns
tDSW
Write Data Setup Time
100
-
-
ns
tDHW
Write Data Hold Time
100
-
-
ns
tCLKL
Clock Low Time
100
-
-
ns
tCLKH
Clock High Time
100
-
-
ns
tR
Rise Time
-
-
15
ns
tF
Fall Time
-
-
15
ns
Valid Data
tcycle
tDSW
tAS
tAH
SCK
D/C
SDA
CS1
tDHW
tCLKL
tCLKH
tF
tR
(CS2=1)
tCSS
tCSH
D6
D7
D4
D5
D2
D3
D0
D1
SCK
D/C
SDA
CS1
(CS2=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com