Electronic Components Datasheet Search
  English  ▼

X  

SSD1815T2R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SSD1815T2R
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815T2R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SSD1815T2R Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
SSD1815
6
REV 1.5
03/2000
SOLOMON
MSTAT
This pin is the static indicator driving output. It is only active in
master operation. The frame signal output pin, M, should be used
as the back plane signal for the static indicator.
The duration of overlapping could be programmable. See
Extended Command Table for details.
This pin becomes high impedance if the chip is operating in
slave mode.
M
This pin is the frame signal input/output. In master mode, the pin
supplies frame signal to slave devices while in slave mode, the pin
receives frame signal from the master device.
CL
This pin is the display clock input/output. In master mode, the pin
supplies display clock signal to slave devices while in slave mode,
the pin receives display clock signal from the master device.
DOF
This pin is diaplay blanking control between master and slave
devices. In master mode, this pin supplies on/off signal to slave
devices. In slave mode, this pin receives on/off signal from the
master device.
CS1, CS2
These pins are the chip select inputs. The chip is enabled for
MCP communication only when both CS1 is pulled low and CS2 is
pulled high.
RES
This pin is reset signal input. Initialization of the chip is started
once this pin is pulled low. Minimum pulse width for completing the
reset is 1us.
D/C
This pin is Data/Command control pin. When the pin is pulled
high, the data at D7-D0 is treated as display data. When the pin is
pulled low, the data at D7-D0 will be tranferred to the command reg-
ister.
R/W(WR)
This pin is microprocessor interface input. When interfacing to an
6800-series microprocessor, this pin will be used as R/W singal
input. Read mode will be carried out when this pin is pulled high
and write mode when low.
When interfacing to an 8080-microprocessor, this pin will be the
WR input. Data write operation is initiated when this pin is pulled
low when the chip is selected.
E(RD)
This pin is microprocessor interface input. When interfacing to an
6800-series microprocessor, this pin will be used as the enable sig-
nal, E. Read/write operation is initiated when this pin is pulled high
when the chip is selected.
When interfacing to an 8080-microprocessor, this pin receives
the RD signal. Data read operation is initiated when this pin is
pulled low when the chip is selected.
D7-D0
These pins are the 8-bit bi-directional data bus to be connected
to the microprocessor in parallel interface mode. D7 is the MSB
while D0 is the LSB.
When serial mode is selected, D7 is the serial data input (SDA)
and D6 is the serial clock input (SCK).
VDD
Power supply pin.
VSS
Ground.
VSS1
Reference voltage input for internal DC-DC converter. The volt-
age of generated, VEE, equals to the multiple factor times the pro-
tential different between this pin, VSS1, and VDD. The multiple
factor, 2X, 3X or 4X, is selected by different external capacitor
connections. All voltage levels are referenced to VDD.
Note: the potential at this input pin must lower than or equal to
VSS.
VEE
This is the most negative voltage supply pin of the chip. It can
be supplied externally or generated by the internal DC-DC con-
verter.
When using internal DC-DC converter as generator, voltage at
this pin is for internal reference only. It CANNOT be used for driv-
ing external circuitries.
C3N, C1P, C1N, C2N and C2P
When internal DC-DC voltage converter is used, external
capacitor(s) is/are connected between these pins. Different con-
nection will result in different DC-DC converter multiple factor, 2X,
3X or 4X. Details please refer to voltage converter section in the
block diagram description.
VFS
This is an input pin to provide an external voltage reference for
the internal voltage regulator. The function of this pin is only
enabled for the External Input chip models which are required
special ordering. For normal chip model, please leave this pin NC.
VL2, VL3, VL4 and VL5 (Voltages referenced to VDD)
LCD driving voltages. They can be supplied externally or gener-
ated by the internal bias divider. They have the following relation-
ship:
VDD > VL2 > VL3 > VL4 > VL5 > VL6
VL6
This pin is the most negative LCD driving voltage. It can be sup-
plied externally or generated by the internal regulator.
1:7 bias
1:9 bias (default)
VL2
1/7*VL6
1/9*VL6
VL3
2/7*VL6
2/9*VL6
VL4
5/7*VL6
7/9*VL6
VL5
6/7*VL6
8/9*VL6
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com