Electronic Components Datasheet Search
  English  ▼

X  

ACT2802B Datasheet(PDF) 15 Page - Active-Semi, Inc

Part # ACT2802B
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802B Datasheet(HTML) 15 Page - Active-Semi, Inc

Back Button ACT2802B Datasheet HTML 11Page - Active-Semi, Inc ACT2802B Datasheet HTML 12Page - Active-Semi, Inc ACT2802B Datasheet HTML 13Page - Active-Semi, Inc ACT2802B Datasheet HTML 14Page - Active-Semi, Inc ACT2802B Datasheet HTML 15Page - Active-Semi, Inc ACT2802B Datasheet HTML 16Page - Active-Semi, Inc ACT2802B Datasheet HTML 17Page - Active-Semi, Inc ACT2802B Datasheet HTML 18Page - Active-Semi, Inc ACT2802B Datasheet HTML 19Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 15 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
Battery Impedance Compensation
An
external resistor is used to set the impedance
from 40mΩ to 500mΩ as shown in Figure 15. RIMC
is corresponding to battery impedance. Higher RIMC
gives higher compensation voltage which is
positively proportional to battery charge/discharge
current.
Select RIMC based on battery impedance:
The battery impedance as shown in the table 4
according to the RIMC and Rcs:
Table 4: Battery Impedance
Input Over Voltage Surge
In the case of pure ceramic input capacitor is
chosen, if the input cable is long, stray inductance
may cause over voltage spikes as twice as the
steady-state voltage when input source is plugged
in. Below input circuit is recommended to avoid
input voltage surge. R1 resistor is added in series
with capacitor C1 to damp the potential LC
resonance as shown in Figure 16.
Boost Output Plug-in Auto Detection
Figure 17 provides a solution for auto plug-in
detection.
External Input Over Voltage Protection
Considering the maximum voltage rating at VIN pin,
the external OVP circuit as shown in Figure 18 is
recommended if input voltage may go higher than
7V. With the enhanced OVP circuit, the design can
pass UN38.3.
Inductor and Capacitor Selection
ACT2802/ACT2802B/ACT2802C
supports
SMD
components. 2.2uH
inductor is recommended.
Input side, 4.7uF ceramic capacitor in series with
2.7Ω resistor are recommended, on battery side,
22uF ceramic capacitor is recommended while on
output side, 3*22uF ceramic capacitors are
recommended.
Battery Temperature Monitoring
ACT2802 continuously monitors the temperature of
the battery pack by sensing the resistance of its
thermistor,
and
suspends
charging
if
the
temperature of the battery pack exceeds the safety
limits.
In a typical application, the TH pin is connected to
the battery pack's thermistor input as shown in
Figure 19. The ACT2802 injects a 60µA current out of
the TH pin into the thermistor, so that the thermistor
resistance is monitored by comparing the voltage at
TH to the internal VTHL and VTHH thresholds of 0.3V
and 1.5V, respectively. When VTH > VTHH or VTH < VTHL
charging and the charge timers are suspended. When
VTH returns to the normal range, charging and the
charge timers resume.
The threshold is given by:
)
(m
cs
R
)
(m
R
25
)
(k
RIMC
(7)
(6)
3
-
BAT
BAT
10
)
m
(
R
)
A
(
I
)
V
(
BAT
)
V
(
V
Figure 15.
Battery impedance compensation setting circuit
RIMC(KΩ)
50
100
200
Battery
Impedance
R(mΩ)
Rcs=25mΩ
50
100
200
Rcs=50mΩ
100
200
400
Figure 16. Input over voltage surge protection circuit
Figure 17.
Boost output auto detection circuit
Figure 18.
Input over voltage protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com