Electronic Components Datasheet Search
  English  ▼

X  

TC3532 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TC3532
Description  4.9 - 6 GHz 29dBm MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC3532 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TC3532 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC3532 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC3532 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TC3532
REV.4_04/12/2004
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 3 / 3
Evaluation Board Parts List
Part Type Reference Designator
Description
Manufacturer
Part Number
Capacitor
C1, C2
0.1 uF 0603
Murata
GRM39Y5V104Z25V
Capacitor
C3
1000pF 0603
Murata
GRM39C0G102J50V
Capacitor
C4
4.7uF Tantalum Cap.
CONNECTION DIAGRAM AND PIN DESCRIPTIONS
Pin #
Name
Description
3
RF IN
RF input
9, 10
Vd
MMIC Drain bias
8
RF OUT
RF output (internally DC blocked)
Others
NC
No Connection
PHYSICAL DIMENSIONS (Unit: inches)
ohm
RFIN
50
5
6
NC
NC
2
9
NC
NC
4
LINE
3
7
8
NC
1
10
RFOUT
NC
ohm
50
LINE
Vd
0.009
0.007
G
J
0.054
7°
0°
0.087
0.080
0.073
0.040
0.020
0.273
0.270
0.267
0.253
0.250
0.247
0.053
0.047
0.273
0.270
0.267
0.023
0.020
0.017
0.009
0.008
0.007
0.008
0.050
0.060
0.057
α
MINIMUM
DIMENSION
J
I
H
G
F
E
D
C
B
A
MAXIMUM
NOMINAL
0.002MAX
A
B
α
H
TC3532



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com