Electronic Components Datasheet Search
  English  ▼

X  

6040947 Datasheet(PDF) 4 Page - SICK AG

Part # 6040947
Description  PRESSURE SENSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6040947 Datasheet(HTML) 4 Page - SICK AG

  6040947 Datasheet HTML 1Page - SICK AG 6040947 Datasheet HTML 2Page - SICK AG 6040947 Datasheet HTML 3Page - SICK AG 6040947 Datasheet HTML 4Page - SICK AG 6040947 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LFH-SBX60G1AS10SZ0 | LFH
PRESSURE SENSORS
Recommended accessories
Other models and accessories
www.sick.com/LFH
Brief description
Type
Part no.
Other mounting accessories
Additional weight for stabilizing the LFH level sensor in moving liquids. Interior process
connection G ½, is fastened to the level sensor instead of the protective cap. Weight:
500 g., Stainless steel 1.4571
BEF-AW-
LFHSST-0001
5324308
Terminal and alignment brackets
Cable tension clamp for mounting the connection cable of the level sensor, max. tensile
load = 2.5 kN (not to be used with FEP cable), steel, zinc coated, Plastic
BEF-CC-
LFH001-0001
5324307
Adapters and distributors
ASK-CB-LFH-
PC0-0001
5324310
Protection filter
Protection filter for connection cable. Prevents humidity from entering the ventilation
tube of the connection cable. For self-mounting at cable end.
APR-VF-
LFH001-0001
5324309
4
FLUID SENSORS | SICK
Online data sheet | 2017-02-13 13:16:27
Subject to change without notice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com