Electronic Components Datasheet Search
  English  ▼

X  

6040940 Datasheet(PDF) 3 Page - SICK AG

Part # 6040940
Description  PRESSURE SENSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6040940 Datasheet(HTML) 3 Page - SICK AG

  6040940 Datasheet HTML 1Page - SICK AG 6040940 Datasheet HTML 2Page - SICK AG 6040940 Datasheet HTML 3Page - SICK AG 6040940 Datasheet HTML 4Page - SICK AG 6040940 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LFH-SBX25G1AS05SZ0 | LFH
PRESSURE SENSORS
Cable weight
0.08 kg/m
Enclosure rating
IP 68
Protection class III
✔
Ambient data
Storage temperature
–30 °C ... +80 °C
Classifications
ECl@ss 5.0
27200506
ECl@ss 5.1.4
27200506
ECl@ss 6.0
27200506
ECl@ss 6.2
27200506
ECl@ss 7.0
27200506
ECl@ss 8.0
27200506
ECl@ss 8.1
27200506
ECl@ss 9.0
27200506
ETIM 5.0
EC001846
ETIM 6.0
EC001846
UNSPSC 16.0901
41111950
Dimensional drawing (Dimensions in mm (inch))
Standard version (Immersion depth up to 100 m)
27
(
1.06)
G1/2B
2017-02-13 13:16:27 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com