Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5686R
Description  Full-featured evaluation board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 1 Page - Analog Devices

  AD5686R Datasheet HTML 1Page - Analog Devices AD5686R Datasheet HTML 2Page - Analog Devices AD5686R Datasheet HTML 3Page - Analog Devices AD5686R Datasheet HTML 4Page - Analog Devices AD5686R Datasheet HTML 5Page - Analog Devices AD5686R Datasheet HTML 6Page - Analog Devices AD5686R Datasheet HTML 7Page - Analog Devices AD5686R Datasheet HTML 8Page - Analog Devices AD5686R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Evaluation Board User Guide
UG-459
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluation Board for AD5686R/AD5686/AD5684R/AD5684
16-/12-Bit, Quad Channel Voltage Output DAC
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 12
FEATURES
Full-featured evaluation board for the AD5686R, AD5686,
AD5684R, and AD5684
On-board references
Various link options
PC control in conjunction with Analog Devices, Inc., System
Demonstration Platform (SDP)
PACKAGE CONTENTS
AD5686/AD5686R or AD5684/AD5684R evaluation board
CD includes
Self-installing software that allows users to control the
board and exercise all functions of the device
Electronic version of the AD5686R, AD5686, AD5684R, and
AD5684 data sheets
Electronic version of UG-459
GENERAL DESCRIPTION
This user guide details the operation of the evaluation board for
the AD5686R, AD5686, AD5684R, and AD5684 quad channel,
voltage output digital-to-analog converters (DACs).
The EVAL-AD5686RSDZ supports both the AD5686R and
AD5686, and the EVAL-AD5684RSDZ supports both the
AD5684R and AD5684.
The AD568x(R) is used in this user guide to refer to the AD5686R,
AD5686, AD5684R, and AD5684.
The evaluation board is designed to help customers quickly
prototype new AD568x(R) circuits and reduce design time.
The AD568x(R) operates from a single 2.7 V to 5.5 V supply.
The AD5686R and AD5684R incorporate an internal 2.5 V
reference to give an output voltage span of 2.5 V or 5 V. The
AD5686 and AD5684 require an external reference.
Full data on the AD568x(R) can be found in the appropriate data
sheet available from Analog Devices and should be consulted in
conjunction with this user guide when using the evaluation board.
The evaluation board interfaces to the USB port of a PC via the
SDP board. Software is supplied with the evaluation board to
allow the user to program the AD568x(R).
This evaluation board requires the EVAL-SDP-CB1Z board
(SDP-B controller board), which is available for order on the
Analog Devices website at www.analog.com.
EVALUATION BOARD BLOCK DIAGRAM
Figure 1.
VOU TA
EEPROM
VREF
5V REF
3V REF
10 WAY
HEADER
VOUTB
VOUTC
VOUTD
VOUTA1
VREF
VOUTB1
VOUTC1
VOUTD1
SPI
SPI
AD5686
AD5684
AD5686R
AD5684R


Similar Part No. - AD5686R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686R AD-AD5686R Datasheet
830Kb / 32P
Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5686R AD-AD5686R Datasheet
761Kb / 32P
Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5686R AD-AD5686R Datasheet
664Kb / 24P
Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5686R AD-AD5686R Datasheet
391Kb / 6P
Industrial Current
Rev. 0
AD5686R AD-AD5686R Datasheet
1,005Kb / 31P
Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
1/2017-Rev. C to Rev. D
More results

Similar Description - AD5686R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
Full-featured evaluation board
logo
Analog Devices
ADP2443-EVALZ AD-ADP2443-EVALZ Datasheet
357Kb / 9P
Full featured evaluation board
Rev. 0
EVAL-AD5676SDZ AD-EVAL-AD5676SDZ Datasheet
486Kb / 12P
Full featured evaluation board
Rev. 0
EVAL-AD7403FMCZ AD-EVAL-AD7403FMCZ Datasheet
1Mb / 20P
Full featured evaluation board
Rev. 0
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
Full featured evaluation board
Rev. 0
UG-490 AD-UG-490 Datasheet
2Mb / 28P
Full-featured evaluation board
Rev. 0
UG-515 AD-UG-515 Datasheet
2Mb / 28P
Full-featured evaluation board
Rev. A
UG-532 AD-UG-532 Datasheet
421Kb / 12P
Full-featured evaluation board
Rev. 0
UG-572 AD-UG-572 Datasheet
1Mb / 20P
Full featured evaluation board
Rev. 0
UG-581 AD-UG-581 Datasheet
1Mb / 28P
Full-featured evaluation board
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com