Electronic Components Datasheet Search
  English  ▼

X  

NPI-301 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # NPI-301
Description  Low-cost surface mount package: SO-8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-301 Datasheet(HTML) 1 Page - Amphenol Corporation

  NPI-301 Datasheet HTML 1Page - Amphenol Corporation NPI-301 Datasheet HTML 2Page - Amphenol Corporation NPI-301 Datasheet HTML 3Page - Amphenol Corporation NPI-301 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPP-301
Series
NovaSensor Surface
Mount Pressure Sensor
Features
• Low-cost surface mount package: SO-8
• Wide operating temperature range: -40°F to
257°F (–40°C to 125°C)
• Static accuracy <0.20% FSO maximum
• Suitable for automated component assembly
• Four element Wheatstone bridge configuration
for circuit design flexibility
• Solid-state reliability
• 100, 200 and 700 kPa absolute pressure ranges
available
Applications
• Automotive tire pressure
• Pneumatic controls
• Pressure switches and controllers
• Altimeters and barometers
• Cable leak detection
• Consumer appliances
• Portable gauges and manometers
Amphenol
Advanced Sensors


Similar Part No. - NPI-301

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
Level sensing
NPI-12-101GH AMPHENOL-NPI-12-101GH Datasheet
70Kb / 4P
Level sensing
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
Solid state, high reliability
NPI-15A-1K-A-V AMPHENOL-NPI-15A-1K-A-V Datasheet
120Kb / 4P
Solid state, high reliability
NPI-15A-1K-S-V AMPHENOL-NPI-15A-1K-S-V Datasheet
120Kb / 4P
Solid state, high reliability
More results

Similar Description - NPI-301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5420 ETC2-SM5420 Datasheet
216Kb / 2P
Low-Cost, SO-8 Packaged Pressure Sensor
logo
International Rectifier
IRF9321PBF IRF-IRF9321PBF_15 Datasheet
275Kb / 8P
Industry-Standard SO-8 Package
IRF9332PBF IRF-IRF9332PBF_15 Datasheet
289Kb / 8P
Industry-Standard SO-8 Package
IRF9335PBF IRF-IRF9335PBF_15 Datasheet
274Kb / 8P
Industry-Standard SO-8 Package
IRF9358PBF IRF-IRF9358PBF_15 Datasheet
280Kb / 8P
Industry-Standard SO-8 Package
IRF9362PBF IRF-IRF9362PBF_15 Datasheet
292Kb / 8P
Industry-Standard SO-8 Package
IRL6372PBF IRF-IRL6372PBF_15 Datasheet
278Kb / 8P
Industry-Standard SO-8 Package
logo
List of Unclassifed Man...
NPT1004 ETC2-NPT1004 Datasheet
541Kb / 6P
Low cost, surface mount SOIC package
NPTB00004 ETC2-NPTB00004 Datasheet
953Kb / 10P
Low cost, surface mount SOIC package
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0311 AVAGO-MSA-0311 Datasheet
170Kb / 4P
Low Cost Surface Mount Plastic Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com