Electronic Components Datasheet Search
  English  ▼

X  

NPI-19 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # NPI-19
Description  Solid state, high reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-19 Datasheet(HTML) 3 Page - Amphenol Corporation

  NPI-19 Datasheet HTML 1Page - Amphenol Corporation NPI-19 Datasheet HTML 2Page - Amphenol Corporation NPI-19 Datasheet HTML 3Page - Amphenol Corporation NPI-19 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPI-19 Series
Specifications
Ordering Information
3
4
5
A B C D
1
2
0.05 in
(1.4 mm)
Ø 0.74 in (18.8 mm) minimum
Ø 0.745 in (18.9 mm) maximum
Ø 0.56 in
(14.2 mm)
0.46 in (11.8 mm) minimum
0.53 in (13.58 mm) maximum
0.2 in
(5.05 mm)
0.12 in
(3.05 mm)
O-ring area*
Tig weld
Flat 2 in (50 mm) long
nylon flex cable (standard)
Port type A has no internal and
external chamber for welding
Spacer
Ceramic
substrate
R1
R2
R3
R4
R5
1
2
3
4
5
-Out
+In
+Out
-In
A
D
B
C
Pin number 4 connected to chip substrate.
R1
R2
R3
R4
R5
1
2
3
4
5
-Out
+In
+Out
-In
A
D
B
C
R6
R7
Constant current schematic diagram
Constant voltage schematic diagram
The code number to be ordered may be specified as follows:
NPI-19 NovaSensor Pressure Type (ISO Sensor)
Code
Pressure Port Type
A
No port, o-ring seal
Code
Pressure Range
021
2.5 psi (172 mbar), 1.5 mA
002
2.5 psi (172 mbar), 10 V
031
5 psi (345 mbar), 1.5 mA
005
5 psi (345 mbar), 10 V
Code
Description
G
Gauge
Code
Tolerance
H
Constant Current Supply
(1.5 mA)
V
Constant Voltage Supply
(10 VDC)
NPI-19 - ____ -
____ -
____ -
____ Typical model number
*Uses o-ring 0.66 in ID x 0.039 in (16.76 mm x 1 mm) cross section.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com