Electronic Components Datasheet Search
  English  ▼

X  

NPI-12 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # NPI-12
Description  Level sensing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-12 Datasheet(HTML) 1 Page - Amphenol Corporation

  NPI-12 Datasheet HTML 1Page - Amphenol Corporation NPI-12 Datasheet HTML 2Page - Amphenol Corporation NPI-12 Datasheet HTML 3Page - Amphenol Corporation NPI-12 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPI-12 Series
Stainless Steel Media
Isolated Sensors
Applications
• Low-cost media isolation
• 0.20 mV/V/psi sensitivity
• Operating temperature 50°F to 104°F
(10°C to 40°C)
• 5 VDC excitation
• Four-pin connector
• Solid state reliability
Features
• Level sensing
• Automotive systems
• Process control
• Pneumatic controls
• Hydraulic systems
Amphenol
Advanced Sensors


Similar Part No. - NPI-12

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
Solid state, high reliability
NPI-15A-1K-A-V AMPHENOL-NPI-15A-1K-A-V Datasheet
120Kb / 4P
Solid state, high reliability
NPI-15A-1K-S-V AMPHENOL-NPI-15A-1K-S-V Datasheet
120Kb / 4P
Solid state, high reliability
NPI-15A-352-A-H AMPHENOL-NPI-15A-352-A-H Datasheet
116Kb / 4P
Solid state, high reliability
NPI-15A-352-S-H AMPHENOL-NPI-15A-352-S-H Datasheet
116Kb / 4P
Solid state, high reliability
More results

Similar Description - NPI-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK9151 ETC-MK9151 Datasheet
65Kb / 2P
Level sensing relay MK 9151 varimeter
logo
Semtech Corporation
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
Texas Instruments
TXB0302 TI1-TXB0302 Datasheet
489Kb / 11P
2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Pericom Semiconductor C...
PI4ULS5V201 PERICOM-PI4ULS5V201 Datasheet
534Kb / 11P
1-Bit Bi-directional Level Shifter with Automatic Sensing
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com