Electronic Components Datasheet Search
  English  ▼

X  

NPA201 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPA201
Description  Simple 3 Command I2C Interface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPA201 Datasheet(HTML) 2 Page - Amphenol Corporation

  NPA201 Datasheet HTML 1Page - Amphenol Corporation NPA201 Datasheet HTML 2Page - Amphenol Corporation NPA201 Datasheet HTML 3Page - Amphenol Corporation NPA201 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NPA 201-EV
Features
• Simple 3 Command I2C Interface
• No Hardware Register Initialization
• VDD Supply Voltage 1.7 to 3.6 VDC
• 260 – 1260mBar Absolute Pressure Range
• Active Current (Typical @ 3V) = 35uA
• Sleep Current (Typical @ 3V) < 20nA Typ
• On-board 16bit Temperature Sensor: <0.003K/LSB
• 2ms Wake-up Time to Active Analog Operation
• Fully Calibrated and Compensated
• Up to 3.4MHz I2C Operation
• Internal 18bit DSP Running Correction Algorithm
• 0.4in x 0.29in Breakout Board with .1in/2.54mm Header Spacing that Can be Directly Soldered
into a Prototype or Used with Breadboard. Headers are Spaced 0.4in Apart
• -40°C to +85°C Temperature Range
Table of Contents
Description .......................................................................................................................... 1
Features............................................................................................................................... 2
I2C Commands .................................................................................................................... 3
Schematics ......................................................................................................................... 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com