Electronic Components Datasheet Search
  English  ▼

X  

HS30P Datasheet(PDF) 1 Page - Amphenol Corporation

Part # HS30P
Description  Humidity sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

HS30P Datasheet(HTML) 1 Page - Amphenol Corporation

  HS30P Datasheet HTML 1Page - Amphenol Corporation HS30P Datasheet HTML 2Page - Amphenol Corporation HS30P Datasheet HTML 3Page - Amphenol Corporation HS30P Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Humidity Sensor HS30P
Characteristics of Humidity Sensor
• Part name
: Humidity sensor
• Type name
: HS-30P
• Storage temperature
: -20~70 °C
• Storage humidity
: 20~90 %RH (Without condensation)
• Operating humidity range
: 20~90 %RH (Do not let it have dewdrops)
• Operating temperature range
: -20~60 °C
• Rated working voltage
: AC 1 V (50Hz~1KHz)
• Rated power
: 0.3 mW
• Nominal impedance value
: 55 k
Ω ( 25°C, 50%RH)
• Tolerance on impedance value
: Min 32.3k
Ω / Max 99.7 kΩ
• Typical sensitive characteristics
: shown in Figure 1
• Typical response characteristics
: shown in Figure 2
• Dimensions
: shown in Figure 3
• Reliability (Impedance value change as relative humidity at 25°C, 50%RH)
- Dry heat storage
: <±5 %RH ( 70°C, 1000 hr.)
- Cold storage
: <±5 %RH (-25°C, 1000 hr.)
- Damp heat storage
: <±5 %RH ( 60°C±5°C, 90~95%RH, 1000 hr.)
- Heat cycle test
: <±5 %RH (-25°C~70°C, 500 cycles)
- Low humidity storage
: <±5 %RH ( 25°C, 20 %RH, 1000 hr.)
Amphenol
Advanced Sensors
Application Note


Similar Part No. - HS30P

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
HS30P WILLOW-HS30P Datasheet
1Mb / 2P
Thermometrics Relative Humidity Sensor
More results

Similar Description - HS30P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232269190001 VISHAY-232269190001 Datasheet
122Kb / 1P
Humidity Sensor
10-Oct-03
logo
Humirel
HS1101LF HUMIREL-HS1101LF Datasheet
242Kb / 4P
RELATIVE HUMIDITY SENSOR
logo
RFE international
HCZ-H6 RFE-HCZ-H6 Datasheet
215Kb / 2P
HUMIDITY SENSOR
logo
HOKURIKU ELECTRIC INDUS...
E1321AA HOKURIKU-E1321AA Datasheet
75Kb / 1P
Relative Humidity Sensor
logo
TDK Electronics
CHS-CGC5-28 TDK-CHS-CGC5-28 Datasheet
175Kb / 11P
Humidity Sensor
logo
Vishay Siliconix
238169190001 VISHAY-238169190001 Datasheet
135Kb / 2P
Humidity Sensor
24-Jun-09
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA006A ALPS-HSHCAA006A Datasheet
356Kb / 10P
Humidity Sensor
HSHCAA106E ALPS-HSHCAA106E Datasheet
331Kb / 7P
Humidity Sensor
HSHCAA114A ALPS-HSHCAA114A Datasheet
1Mb / 7P
Humidity Sensor
logo
Innovative Sensor Techn...
MK33 IST-MK33 Datasheet
782Kb / 5P
Capacitive Humidity Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com