Electronic Components Datasheet Search
  English  ▼

X  

EN554 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # EN554
Description  Designed for the harsh environment applications such as steam sterilizers and SIP systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

EN554 Datasheet(HTML) 1 Page - Amphenol Corporation

  EN554 Datasheet HTML 1Page - Amphenol Corporation EN554 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Amphenol
Advanced Sensors
Kaye Validator®
Pressure Transducer
The Kaye Validator is a standalone thermal
validation system that simplifies the entire
validation process by reducing setup time,
minimizing sensor handling, and presenting
critical study data in easily customized report
formats. Version 3.11 now incorporates the latest
technology for faster data collection, improved
data management and more flexible reporting
and analysis, providing significant time saving
over previous releases. This advanced system is
specifically designed to conform with 21 CFR Part
11 and to meet international and European norms
for validation of pharmaceutical, biotechnology
and medical device (EN285, EN554) manufacturing
plants.
In order to meet the stringent requirements of
EN554 and ISO-17665, it is a requirement that
saturated conditions are also validated along with
temperature.
An easy to use, accurate and reliable pressure
transducer is available for the Kaye Validator
System.
Features
• Designedfortheharshenvironmentapplications
such as steam sterilizers and SIP systems
• Highperformancepressuretransducer,
specified at full temperature range of autoclave
• Canbedirectlyconnectedto1.5intriclover
flange
• FullISO-17025traceablecalibrationover
pressure and temperature range
• EastofUse–wiresdirectlytoKayeValidator
with no additional wiring or power supplies
required.


Similar Part No. - EN554

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EN55011 OMRON-EN55011 Datasheet
1Mb / 34P
Contact Displacement Sensors
logo
Seoul Semiconductor
EN55015 SEOUL-EN55015 Datasheet
623Kb / 16P
Acrich2 is designed to connect directly to AC source via 2wires with no AC/DC converter which is essential for conventional general lighting.
logo
Vicor Corporation
EN55022 VICOR-EN55022 Datasheet
347Kb / 12P
ENMods Component Power Front End System for EN Compliance
logo
OSRAM GmbH
EN55022 OSRAM-EN55022 Datasheet
47Kb / 2P
PLANON lamp diagonal/colour code combinable ECG type(s)
EN55022 OSRAM-EN55022 Datasheet
47Kb / 2P
PLANON lamp diagonal/colour code combinable ECG type(s)
More results

Similar Description - EN554

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFTV71G AMPHENOL-RJFTV71G Datasheet
260Kb / 4P
2004Ethernet ConnectionSystem for Harsh Environment
logo
E-Tech Electronics LTD
G2N7000 ETL-G2N7000 Datasheet
191Kb / 2P
The G2N7000 is designed for high voltage, high speed applications such as switching regulators, converters solenoid and relay drivers.
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
Designed for applications such as voltage dividers
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
Advanced Thermal Soluti...
ATS-59001-C1-R0 ATS-ATS-59001-C1-R0_17 Datasheet
133Kb / 1P
Designed for flip-chip processors such as NXP MPCs
Rev - 230517
ATS-59002-C1-R0 ATS-ATS-59002-C1-R0_17 Datasheet
133Kb / 1P
Designed for flip-chip processors such as NXP MPCs
Rev - 230517
ATS-59008-C1-R0 ATS-ATS-59008-C1-R0_17 Datasheet
330Kb / 1P
Designed for flip-chip processors such as NXP MPCs
Rev - 230517
ATS-59010-C1-R0 ATS-ATS-59010-C1-R0_17 Datasheet
59Kb / 1P
Designed for flip-chip processors such as NXP MPCs
Rev - 230517
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
The RJ45 system for harsh and demanding environment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com