Electronic Components Datasheet Search
  English  ▼

X  

CTR-40 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # CTR-40
Description  Rapid response time with no oils or fluids
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTR-40 Datasheet(HTML) 2 Page - Amphenol Corporation

  CTR-40 Datasheet HTML 1Page - Amphenol Corporation CTR-40 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
CTR-40
CTR-80
HTR 400
LTR -25/140
LTR-40/140
LTR-90
Temperature Range
–40°C to 150°C
-80 to 100°C
(–112°F to 212°F)
25°C above ambient to
400°C
–25°C to 140°C
–40°C to 140°C
–95°C to 140°C
Ambient Operating Range
5–40°C (41–104°F)
15 to 25°C (59 to 77°F)
5°C to 50°C
5°C to 50°C
5°C to 50°C
5°C to 50°C
Set-Point Accuracy
±0.5°C
±0.006°C at –80°C
(ethanol)
±0.010°C at 0°C (ethanol)
±0.010°C at 100°C (oil)
0.2°C to 300°C
0.3°C to 400°C
0.2°C
0.2°C
0.2°C
Temperature Stability
±0.005°C at –40°C (ethanol)
±0.005°C at 25°C (water)
±0.007°C at 150°C (5012
oil)
±0.006°C at –80°C
(ethanol)
±0.010°C at 0°C (ethanol)
±0.010°C at 100°C (oil)
0.02°C to 300°C
0.05°C to 400°C
0.02°C
0.02°C
0.02°C
Temperature Uniformity
±0.006°C at –40°C (ethanol)
±0.005°C at 25°C (water)
±0.010°C at 150°C (5012
oil)
±0.008°C at –80°C
(ethanol)
±0.012°C at 0°C (ethanol)
±0.012°C at 100°C (oil)
Transfer Calibration
Accuracy*
IRTD Standard to
Thermocouples
50°C to 150°C: ±0.1°C
150°C to 250°C: ±0.2°C
250°C to 350°C: ±0.3°C
350°C to 400°C: ±0.4°C
–25°C to 80°C: ±0.1°C
80°C to 130°C: ±0.15°C
130°C to 140°C: ±0.18°C
–40°C to –25°C: ±0.15°C
–25°C to 80°C: ±0.1°C
80°C to 130°C: ±0.15°C
130°C to 140°C: ±0.18°C
–40°C to –25°C: ±0.15°C
–25°C to 80°C: ±0.1°C
80°C to 130°C: ±0.15°C
Typical Heat-Up Time
60 minutes, from 25°C to
150°C (5012 oil@115V)
Ambient to 90°C:
5 minutes
90°C to 125°C:
3 minutes
350°C: 25 minutes
Ambient to 80°C: 6 minutes
Ambient to 140°C: 14 minutes
Ambient to 80°C: 6 minutes
Ambient to 140°C: 14
minutes
Ambient to 80°C: 6
minutes
Ambient to 140°C: 14
minutes
Typical Cool-Down Time
110 minutes, from 25°C to
–40°C (ethanol)
25 to -80°C 120 min
Access Opening
172mm x 94mm (6.8”
x 3.7” )
86 mm x 114 mm (3.25”
x 4.5”) w/positions for
(2) IRTDs and (3) 11 mm
(7/16”) dia. x 203 mm (8”)
deep calibration wells
Well Configuration
Reference wells (2): 6.7 mm
diameter x 127 mm deep
Calibration wells (8): 9 mm
diameter x 155 mm) deep
Reference wells (2): 6.7 mm
diameter x 155 mm deep
Calibration wells (6): 9 mm
diameter x 155 mm) deep
Reference wells (2): 6.7 mm
diameter x 155 mm deep
Calibration wells (6): 9 mm
diameter x 155 mm) deep
Reference wells (2): 6.7
mm diameter x 155 mm
deep
Calibration wells (6): 9 mm
diameter x 155 mm) deep
Display
Digital with push-button
entry
LED w/0.01 (°C or °F
resolution)
LED w/0.01°C resolution
LED w/0.01°C resolution
LED w/0.01°C resolution
LED w/0.01°C resolution
Computer Interface
RS-232
RS232
RS232
RS232
RS232
RS232
Dimensions
305 mm x 622 mm x 584
mm (12” x 24.5” x 23”)
762 x 305 x 610 mm (30”
H x 12”W x 24” D)
343 mm x 198 mm x 317.5
mm
343 mm x 198 mm x 317.5 mm
343 mm x 198 mm x 317.5
mm
343 mm x 198 mm x
317.5 mm
Weight
35.4 kg (78 lb)
57 kg (125 lbs)
8.2 kg
13.6 kg
13.6 kg
13.6 kg
Power
115 VAC (±10%), 60 Hz,
15 amps
[230 VAC (±10%), 50 Hz, 8
amps optional]
115 VAC 60 Hz, 16A or
230 VAC 50 Hz, 8A 1700
Watts
115 VAC 60 Hz, 6 A or
230 VAC
50 Hz, 3 A 700 watts
115 VAC 60 Hz, 3 A or 230 VAC
50 Hz, 1.5 A 350 watts
115 VAC 60 Hz, 3 A or 230
VAC
50 Hz, 1.5 A 350 watts
115 VAC 60 Hz, 3 A or
230 VAC
50 Hz, 1.5 A 350 watts
Fault Protection
Over temp limits(user
settable), low voltage
cutout, automatic
refrigeration turn off,
electrical fuse
Sensor burnout protection,
over temperature thermal
cutout, electrical fuse
Sensor burnout protection,
over temperature thermal
cutout, electrical fuse
Sensor burnout protection,
over temperature thermal
cutout, electrical fuse
Sensor burnout
protection, over
temperature thermal
cutout, electrical fuse
* Transfer calibration accuracy is the difference between the thermocouple tip and the sensor of the IRTD temperature standard. This accuracy includes well to well uniformity.
AAS-920-630A-03/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
CTR-80 Cryo Temperature Bath
Operating from -80 to 30°C, the CTR delivers fast response, high
stability, and automated sensor calibration for the most severe
cold-temperature applications. A generous one-gallon tank is heated
and cooled quickly and quietly by a two-stage refrigeration (R507
and R508B). The CTR-80 is the ideal unit for calibrating temperature
sensors used in freeze dryer, freezer, and cryo unit validation.
HTR and LTR Series Dry Wells
The HTR and LTR Series dry wells are specifically designed for
calibrating sensors used for process validation. These are the most
advanced reference units on the market, featuring fast heat-up
and cool-down, large well capacity to accommodate 18 to wr
thermocouples, and use no messy oils or fluids. The HTR 400 is ideal
for high-temperature applications such as autoclaves, dry heat ovens
and sterilizer tunnels. The LTR models offer ultra low-temperature
performance to -95°C for applications including freezers, cold rooms,
incubators and autoclaves. The LTR model selection should be based
on the application’s low-temperature point.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com