Electronic Components Datasheet Search
  English  ▼

X  

MUR480EG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUR480EG
Description  SWITCHMODE Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR480EG Datasheet(HTML) 2 Page - ON Semiconductor

  MUR480EG_13 Datasheet HTML 1Page - ON Semiconductor MUR480EG_13 Datasheet HTML 2Page - ON Semiconductor MUR480EG_13 Datasheet HTML 3Page - ON Semiconductor MUR480EG_13 Datasheet HTML 4Page - ON Semiconductor MUR480EG_13 Datasheet HTML 5Page - ON Semiconductor MUR480EG_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MUR480EG, MUR4100EG
http://onsemi.com
2
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Thermal Resistance, Junction−to−Ambient
RqJA
See Note 2
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 3.0 A, TJ = 150°C)
(iF = 3.0 A, TJ = 25°C)
(iF = 4.0 A, TJ = 25°C)
vF
1.53
1.75
1.85
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 150°C)
(Rated dc Voltage, TJ = 25°C)
iR
900
25
mA
Maximum Reverse Recovery Time
(IF = 1.0 Amp, di/dt = 50 Amp/ms)
(IF = 0.5 Amp, iR = 1.0 Amp, IREC = 0.25 Amp)
trr
100
75
ns
Maximum Forward Recovery Time
(IF = 1.0 Amp, di/dt = 100 Amp/ms, Recovery to 1.0 V)
tfr
75
ns
Controlled Avalanche Energy (See Test Circuit in Figure 6)
WAVAL
20
mJ
Typical Peak Reverse Recovery Current
(IF = 1.0 A, di/dt = 50 A/ms)
IRM
2
A
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%.
ORDERING INFORMATION
Device
Marking
Package
Shipping†
MUR480E
MUR480E
Axial Lead*
500 Units / Bulk
MUR480EG
Axial Lead*
500 Units / Bulk
MUR480ERL
Axial Lead*
1500 / Tape & Reel
MUR480ERLG
Axial Lead*
1500 / Tape & Reel
MUR480ES
MUR480ES
Axial Lead*
500 Units / Bulk
MUR480ESG
Axial Lead*
500 Units / Bulk
MUR4100E
MUR4100E
Axial Lead*
500 Units / Bulk
MUR4100EG
Axial Lead*
500 Units / Bulk
MUR4100ERL
Axial Lead*
1500 / Tape & Reel
MUR4100ERLG
Axial Lead*
1500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com