Electronic Components Datasheet Search
  English  ▼

X  

TSL245 Datasheet(PDF) 3 Page - Texas Instruments

Part # TSL245
Description  INFRARED LIGHT-TO-FREQUENCY CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL245 Datasheet(HTML) 3 Page - Texas Instruments

  TSL245 Datasheet HTML 1Page - Texas Instruments TSL245 Datasheet HTML 2Page - Texas Instruments TSL245 Datasheet HTML 3Page - Texas Instruments TSL245 Datasheet HTML 4Page - Texas Instruments TSL245 Datasheet HTML 5Page - Texas Instruments TSL245 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSL245
INFRARED LIGHT-TO-FREQUENCY CONVERTER
SOES018 – MAY 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
10
100
OUTPUT FREQUENCY
vs
IRRADIANCE
10 0
1 k
Ee – Irradiance – µW/cm2
VDD = 5 V
λp = 940 nm
TA = 25°C
1000
Figure 3
PHOTODIODE SPECTRAL RESPONSIVITY
λ – Wavelength – nm
0.5
0.4
0.2
0.1
0
0.9
0.3
600
700
800
900
0.7
0.6
0.8
1
1000
1100
TA = 25°C
0.1
0.01
– 25
0
25
50
1
DARK FREQUENCY
vs
TEMPERATURE
10
75
VDD = 5 V
Ee = 0
100
TA – Temperature – °C
Figure 4
λ – Wavelength of Incident Light – nm
TEMPERATURE COEFFICIENT
OF OUTPUT FREQUENCY
vs
WAVELENGTH OF INCIDENT LIGHT
4000
0
700
800
900
1000
6000
8000
2000
VDD = 5 V
TA = 25°C to 70°C
10000
750
850
950
Figure 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com