Electronic Components Datasheet Search
  English  ▼

X  

F2255 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button F2255 Datasheet HTML 14Page - Integrated Device Technology F2255 Datasheet HTML 15Page - Integrated Device Technology F2255 Datasheet HTML 16Page - Integrated Device Technology F2255 Datasheet HTML 17Page - Integrated Device Technology F2255 Datasheet HTML 18Page - Integrated Device Technology F2255 Datasheet HTML 19Page - Integrated Device Technology F2255 Datasheet HTML 20Page - Integrated Device Technology F2255 Datasheet HTML 21Page - Integrated Device Technology F2255 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
18
REV 4, January 2017
F2250NLGK
Datasheet
PIN DESCRIPTION
Pin
Name
Function
1, 5, 6, 7, 8,
12, 13
GND
Ground these pins as close to the device as possible.
2, 4, 9, 11
NC
No internal connection. These pins can be left unconnected or
connected to ground (recommended).
3
RF1
RF Port 1. Matched to 50 ohms. Must use an external AC
coupling capacitor as close to the device as possible. For low
frequency operation increase the capacitor value to result in a
low reactance at the frequency of interest.
10
RF2
RF Port 2. Matched to 50 ohms. Must use an external AC
coupling capacitor as close to the device as possible. For low
frequency operation increase the capacitor value to result in a
low reactance at the frequency of interest.
14
VCTRL
Attenuator control voltage. Apply a voltage in the range as
specified in the Operating Conditions. See application section for
details about VCTRL.
15
VDD
Power supply input. Bypass to GND with capacitors close as
possible to pin.
16
VMODE
Attenuator slope control. Set to logic LOW to enable negative
attenuation slope. Set to logic HIGH to enable positive
attenuation slope.
— EP
Exposed Pad. Internally connected to GND. Solder this exposed
pad to a PCB pad that uses multiple ground vias to achieve the
specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com