Electronic Components Datasheet Search
  English  ▼

X  

TXD1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TXD1
Description  433.92/868.35 MHz Hybrid Transmitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TXD1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TXD1 Datasheet HTML 1Page - List of Unclassifed Manufacturers TXD1 Datasheet HTML 2Page - List of Unclassifed Manufacturers TXD1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
433.92/868.35 MHz
Hybrid
Transmitter
Pin assignment
PIN Connections
1
GND
2
DATA
3
DATA
4
GND
7
NC
10
NC
11
ANT
13
GND
15
VCC
Dimensions
Millimeters
Dimensions
Millimeters
A
38.3 +/- 0.1mm
F
5.08
+/-0.01mm
B
11.5 +/- 0.1mm
G
5.08 +/-
0.01mm
C
5.9 +/- 0.1mm
H
1.2 (MAX)
D
2.54 (MAX)
I
3.4 +/-
0.01mm
E
17.5 +/-
0.05mm
KEYMARK TECHNOLOGY Co.,Ltd
Page.第 2 頁
建立日期 2004/2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com