Electronic Components Datasheet Search
  English  ▼

X  

UCC28083 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28083
Description  8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28083 Datasheet(HTML) 2 Page - Texas Instruments

  UCC28083 Datasheet HTML 1Page - Texas Instruments UCC28083 Datasheet HTML 2Page - Texas Instruments UCC28083 Datasheet HTML 3Page - Texas Instruments UCC28083 Datasheet HTML 4Page - Texas Instruments UCC28083 Datasheet HTML 5Page - Texas Instruments UCC28083 Datasheet HTML 6Page - Texas Instruments UCC28083 Datasheet HTML 7Page - Texas Instruments UCC28083 Datasheet HTML 8Page - Texas Instruments UCC28083 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
UCC28083, UCC28084, UCC28085, UCC28086
UCC38083, UCC38084, UCC38085, UCC38086
SLUS488B − SEPTEMBER 2002 − REVISED MAY 2003
2
www.ti.com
ORDERING INFORMATION
THERMAL RESISTANCE TABLE
PACKAGE
θjc(°C/W)
θja(°C/W)
SOIC−8 (D)
42
84 to 160(1)
PDIP−8 (P)
50
110(1)
TSSOP−8 (PW)
32(2)
232 to 257(2)
NOTES: (1) Specified
θja (junction to ambient) is for devices mounted to 5-inch2 FR4 PC board
with one ounce copper where noted. When resistance range is given, lower values
are for 5 inch2 aluminum PC board. Test PWB was 0.062 inch thick and typically
used 0.635-mm trace widths for power packages and 1.3-mm trace widths for
non-power packages with a 100-mil x 100-mil probe land area at the end of each
trace.
(2). Modeled data. If value range given for
θja, lower value is for 3x3 inch. 1 oz internal
copper ground plane, higher value is for 1x1-inch. ground plane. All model data
assumes only one trace for each non-fused lead.
AVAILABLE OPTIONS
TA
INTERNAL
SOFT START
UVLO
PACKAGES
TA
INTERNAL
SOFT START
ON
OFF
SOIC-8 (D)
PDIP-8 (P)
TSSOP-8 (PW)
3.5 ms
12.5 V
8.3 V
UCC28083D
UCC28083P
UCC28083PW
−40
°C to 85°C
3.5 ms
4.3 V
4.1 V
UCC28084D
UCC28084P
UCC28084PW
−40
°C to 85°C
75
µs
12.5 V
8.3 V
UCC28085D
UCC28085P
UCC28085PW
75
µs
4.3 V
4.1 V
UCC28086D
UCC28086P
UCC28086PW
3.5 ms
12.5 V
8.3 V
UCC38083D
UCC38083P
UCC38083PW
0
°C to 70°C
3.5 ms
4.3 V
4.1 V
UCC38084D
UCC38084P
UCC38084PW
0
°C to 70°C
75
µs
12.5 V
8.3 V
UCC38085D
UCC38085P
UCC38085PW
75
µs
4.3 V
4.1 V
UCC38086D
UCC38086P
UCC38086PW
† The D and PW packages are available taped and reeled. Add R suffix to device type, e.g. UCC28083DR (2500 devices
per reel) or UCC38083PWR (2000 devices per reel).
1
2
3
4
8
7
6
5
CTRL
ISET
CS
RT
VDD
OUTA
OUTB
GND
D OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
PW PACKAGE
(TOP VIEW)
OUTB
GND
RT
CS
OUTA
VDD
CTRL
ISET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com