Electronic Components Datasheet Search
  English  ▼

X  

T8000 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # T8000
Description  Patented, Absorption Infrared Gas sensing engine sensing engine provides high accuracy in a compact low cost package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T8000 Datasheet(HTML) 1 Page - Amphenol Corporation

  T8000 Datasheet HTML 1Page - Amphenol Corporation T8000 Datasheet HTML 2Page - Amphenol Corporation T8000 Datasheet HTML 3Page - Amphenol Corporation T8000 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Telaire
T8000-R Series
Wall Mount CO
2 and
Temperature Transmitter
with Relay
• Gaspermeable,waterresistantCO
2 diffusion filter
prevents particulate and water contamination of the
sensor.
• Lockingscrewsecurescoverandsensortothe
mountingbracketfortamperresistance.
•Sensorsareshippedfactorycalibrated.
•Modernenclosure
• Conformalcoatingon0-5000ppmmodels
• Low-cost
• Reliable(20yearsoflow-costinfraredsensor
manufacturing)
• AvailableCO
2 and Temperature output options:
Voltage0-10Vor0-5V(switchselectable)
Orcurrent4-20mA,Relay
• UIPsoftwarecompatibleforcustomizations
• CE,RoHS,REACHandWEEEcompliant
• Lifetimecalibrationwarranty
Features:
• Patented,AbsorptionInfraredGassensingengine
provideshighaccuracyinacompactlowcost
package.
• PatentedABCLogic™self-calibrationsystem
eliminatestheneedformanualcalibrationinmost
applications.
• LifetimeCO
2 calibrationguaranteewhenusingABC
Logic™.
• Mountingplatewithtwo-pieceterminalblocks
providequick,easywiring.
ThenewTelaireT8000-Rseriesisanewlowcost,
highperformingCO
2transmitterforthebuilding
controlsandindoorgrowersmarkets.Itworks
seamlesslywithbuildingautomationsystems,and
allows you to simply and effectively control fresh air
intoaventilatedspacetomeetregulatedstandards,
providingimmediateenergysavings.Relaycontrol
canbeusedtocontrolfreshairwhennobuilding
automationsystemisavailable.TheTelaire8000-
Rseriescanalsobeusedwithitsbuilt-inrelayto
control CO
2producingequipmenttoassistwithplant
growth.
®
Amphenol
Advanced Sensors


Similar Part No. - T8000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T800100 E-SWITCH-T800100 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800103 E-SWITCH-T800103 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800104 E-SWITCH-T800104 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800105 E-SWITCH-T800105 Datasheet
151Kb / 1P
ALL DIMENSIONS IN MM[INCH]
logo
Carl Kammerling Interna...
T8002 CARL-T8002 Datasheet
286Kb / 1P
Adjustable Wristband Anchor
04 Jun 2025 11:50AM
More results

Similar Description - T8000

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L53V SHARP-GP1L53V Datasheet
48Kb / 4P
Compact, High Sensing Accuracy Type Photointerrupter
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
logo
MTU Onsite Energy Corpo...
30-GC6NLT1 MTU-30-GC6NLT1 Datasheet
393Kb / 4P
GAS Engine-Generator Set
40-GC6NLT1 MTU-40-GC6NLT1 Datasheet
615Kb / 4P
GAS Engine-Generator Set
50-GC6NLT1 MTU-50-GC6NLT1 Datasheet
559Kb / 4P
GAS Engine-Generator Set
60-GC6NLT1 MTU-60-GC6NLT1 Datasheet
574Kb / 4P
GAS Engine-Generator Set
100-GC6NLT1 MTU-100-GC6NLT1 Datasheet
584Kb / 4P
GAS Engine-Generator Set
logo
Amphenol Corporation
T8100 AMPHENOL-T8100 Datasheet
302Kb / 8P
Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
T5100 AMPHENOL-T5100 Datasheet
129Kb / 4P
Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package
logo
Omron Electronics LLC
D6F-A3 OMRON-D6F-A3 Datasheet
256Kb / 2P
High-accuracy Sensing with a Thin, Compact Body.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com