Electronic Components Datasheet Search
  English  ▼

X  

T8100 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # T8100
Description  Patented, Absorption Infrared Gas sensing engine sensing engine provides high accuracy in a compact low cost package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T8100 Datasheet(HTML) 2 Page - Amphenol Corporation

  T8100 Datasheet HTML 1Page - Amphenol Corporation T8100 Datasheet HTML 2Page - Amphenol Corporation T8100 Datasheet HTML 3Page - Amphenol Corporation T8100 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Controlled Ventilation
Ventilationisanimportantpartofmaintainingacomfortable,
healthy,productiveenvironmentforpeople.Improper
ventilationcanhaveanegativeimpactonoccupanthealth
andperformance,increasetheriskfromlitigation,and/
orwasteenergy.Demand-controlledventilationusingCO
2
sensorspreventsenergylossesfromover-ventilationwhile
maintainingindoorairquality.Themostenergysavings
potentialisinbuildingswhereoccupancyfluctuatesduring
a24-hourperiod.Numerousorganizationsnowrequireand/
or recommend CO
2-basedventilationcontrolindifferent
commercialHVACapplications.Someutilitycompaniesalso
offerrebatestobuildingownersforinstallingCO
2 sensors.
Wall mount sensors are used to control a specific area such
asaconferenceroom,classroom,meetinghall,etc.The
Telaire 8000-R Ventostat series are easy to install and have a
clean,modernlookthatsuitsmostindoorenvironments.
Wall Mount Specifications
Sensing Method
• Non-dispersiveinfrared(NDIR)absorption
• Gold-platedoptics
• PatentedABCLogicselfcalibrationalgorithm
CO
2 Measurement Range
8100-R0to2000ppm
8200-R0to5000ppm
(0ppm=0V,4mA)
CO
2 Accuracy
±30ppmor3%ofthereadingshown,whicheverishigher*
Active Temperature Accuracy /Range
0-50°C(32-122°F)
±1°Cfrom15-30°C(±1.8°Ffrom59to86°F)
Power Supply Requirements
18-30VACRMS,50/60Hz,or18to42VDC,
polarity protected
*AHRAE—regulation62statesmaximumindoorCO
2
levelof1000ppm
Power Consumption
Typical0.7Watnominalvoltageof24VACRMS
Temperature Dependence
0.2%FSper°C(±0.11%per°F)
Stability
<2%ofFSoverlifeofsensor(15years)
Pressure Dependence
0.135%ofreadingpermmHg
*C0
2 accuracy statement excludes standard gas used for
calibration that has an accuracy of 2%. In addition, there is a
potential digital to analog error of up to 2%.
Warranty
24 months on mechanical defects
Calibration-lifetimewarranty(ABCLogicon.)
Certifications
CEEMC,RoHS,REACHandWEEEcompliant
Signal Update
Every5seconds
CO
2 Warm-up Time
• <2minutes(operational)
• 10minutes(maximumaccuracy)
Operating Conditions
• 32°Fto122°F(0°Cto50°C)
• 0to95%RH,non-condensing
Storage Conditions
-40°Fto158°F(-40°Cto70°C)
Flammability Classification
UL945VA
Relay
Normally open and normally close contacts
Rated Load
0.50Aat125VAC,1A24VDC
Contact Material
Ag+Au-Alloy
Carrycurrent2A
Max. Operating Voltage
125VAC,60VDC
Max. Operating Current
1A
Max. Switching Capacity
62.50VA
Output
Analog (Temperature and CO
2)
• 0to5V,or0to10Vswitchselectable(100Ωoutput
impedance)
• Or4to20mA(RLmaximum500Ω)
• Voltageandcurrentoutputsarenotavailable
simultaneously
• Digitaltoanalogerror±2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com