Electronic Components Datasheet Search
  English  ▼

X  

T2080 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # T2080
Description  Telaire Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T2080 Datasheet(HTML) 2 Page - Amphenol Corporation

  T2080 Datasheet HTML 1Page - Amphenol Corporation T2080 Datasheet HTML 2Page - Amphenol Corporation T2080 Datasheet HTML 3Page - Amphenol Corporation T2080 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Calibration Kits
T2075NG and T2076NG
Calibration Process
The calibration is simple and can be done in just a few
minutes. Each CO2 model has a calibration process
similar to the following:
• Connect the tubing assembly to the sensor and
connect the regulator to the gas bottle.
• Initiate the calibration process by using the sensor
buttons and display.
• The process is automatically run by the sensor and
will signal upon completion.
• Last, disconnect the tubing and gas regulator.
T2075NG Components
The Calibration Kit Model T2075NG includes:
• Instruction sheet
• Tubing assembly
• Gas regulator with gauge
• Carrying case.
Calibrates the following models:
• Ventostat 8000 and 8100 Series
• Telaire 7000 Series
• Use in conjunction with UIP software for T8000 series
(T8100, T8200, T8300)
T2076NG Components
The Calibration Kit Model T2076NG includes:
• Instruction sheet
• Tubing assembly
• Gas regulator with gauge
• Carrying case.
• Flow Meter
Calibrates the following models:
• Vaporstat 9002
*Nitrogen gas not included.
Requires disposable gas tank: CGA600, 99.95%
Nitrogen 20 bar fill pressure, approximately one liter.
The illustration shows the complete set-up
for calibrating a sensor with display.
*Nitrogen gas not included.
Requires disposable gas tank: CGA600, 99.95%
Nitrogen 20 bar fill pressure, approximately one liter.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com