Electronic Components Datasheet Search
  English  ▼

X  

1P503AS Datasheet(PDF) 2 Page - Anaren Microwave

Part # 1P503AS
Description  Low Loss
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

1P503AS Datasheet(HTML) 2 Page - Anaren Microwave

  1P503AS Datasheet HTML 1Page - Anaren Microwave 1P503AS Datasheet HTML 2Page - Anaren Microwave 1P503AS Datasheet HTML 3Page - Anaren Microwave 1P503AS Datasheet HTML 4Page - Anaren Microwave 1P503AS Datasheet HTML 5Page - Anaren Microwave 1P503AS Datasheet HTML 6Page - Anaren Microwave 1P503AS Datasheet HTML 7Page - Anaren Microwave 1P503AS Datasheet HTML 8Page - Anaren Microwave 1P503AS Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
Model 1P503AS
Rev. A
Hybrid Coupler Pin Configuration
The 1P503AS has an orientation marker to denote Pin 1. Once port one has been identified the other ports are
known automatically. Please see the chart below for clarification:
Configuration
Pin 1
Pin 2
Pin 3
Pin 4
Splitter
Input
Isolated
-3dB
90
-3dB
Splitter
Isolated
Input
-3dB
-3dB
90
Splitter
-3dB
90
-3dB
Input
Isolated
Splitter
-3dB
-3dB
90
Isolated
Input
*Combiner
A
90
A
Isolated
Output
*Combiner
A
A
90
Output
Isolated
*Combiner
Isolated
Output
A
90
A
*Combiner
Output
Isolated
A
A
90
*Notes:
“A” is the amplitude of the applied signals. When two quadrature signals with equal
amplitudes are applied to the coupler as described in the table, they will combine at the output
port. If the amplitudes are not equal, some of the applied energy will be directed to the isolated
port.
The actual phase,
 , or amplitude at a given frequency for all ports, can be seen in our de-
embedded s-parameters, that can be downloaded at www.anaren.com.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com